Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

J-STD-020 Datasheet(Fiches technique) 1 Page - Ecliptek Corporation

Numéro de pièce J-STD-020
Description  Quartz Crystal Clock Oscillators XO (SPXO) LVPECL (PECL) 2.5Vdc 6 Pad 3.2mm x 5.0mm Ceramic Surface Mount
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ECLIPTEK [Ecliptek Corporation]
Site Internet  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

J-STD-020 Datasheet(HTML) 1 Page - Ecliptek Corporation

  J-STD-020 Datasheet HTML 1Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 2Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 3Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 4Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 5Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 6Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PART NUMBER DATA SHEET
ECLIPTEK
CORPORATION
R
REGULATORY COMPLIANCE
(Data Sheet downloaded on Dec 7, 2016)
2011/65 +
2015/863
169 SVHC
E15C5H2F-125.000M
ITEM DESCRIPTION
Quartz Crystal Clock Oscillators XO (SPXO) LVPECL (PECL) 2.5Vdc 6 Pad 3.2mm x 5.0mm Ceramic Surface Mount (SMD)
125.000MHz ±50ppm over -40°C to +85°C
ELECTRICAL SPECIFICATIONS
Nominal Frequency
125.000MHz
Frequency Tolerance/Stability
±50ppm Maximum over -40°C to +85°C (Inclusive of all conditions: Calibration Tolerance (at 25°C), Frequency Stability
over the Operating Temperature Range, Supply Voltage Change, Output Load Change, First Year Aging at 25°C, and
Vibration)
Supply Voltage
2.5Vdc ±5%
Input Current
75mA Maximum
Output Voltage Logic High (Voh)
Vdd-1.085Vdc Minimum, 1.55Vdc Typical, Vdd-0.88Vdc Maximum
Output Voltage Logic Low (Vol)
Vdd-1.83Vdc Minimum, 0.80Vdc Typical, Vdd-1.555Vdc Maximum
Rise/Fall Time
300pSec Typical, 700pSec Maximum (Measured at 20% to 80% of Waveform)
Duty Cycle
50 ±5(%) (Measured at 50% of Waveform)
Load Drive Capability
50 Ohms into Vdd-2.0Vdc
Output Logic Type
LVPECL
Phase Noise
-60dBc/Hz at 10Hz Offset, -95dBc/Hz at 100Hz Offset, -125dBc/Hz at 1kHz Offset, -143dBc/Hz at 10kHz Offset, -
145dBc/Hz at 100kHz Offset, -145dBc/Hz at 1MHz Offset, -146dBc/Hz at 10MHz Offset (All Values are Typical)
Logic Control / Additional Output
Tri-State and Complementary Output
Tri-State Input Voltage (Vih and Vil)
Vih of 70% of Vdd Minimum or No Connect to Enable Output and Complementary Output, Vil of 30% of Vdd Maximum
to Disable High Impedance Output and Complementary Output
Standby Current
30µA Maximum (Without Load)
RMS Phase Jitter
0.4pSec Typical, 1pSec Maximum (Fj=12kHz to 20MHz; Random)
Start Up Time
10mSec Maximum
Storage Temperature Range
-55°C to +125°C
ENVIRONMENTAL & MECHANICAL SPECIFICATIONS
ESD Susceptibility
MIL-STD-883, Method 3015, Class 1, HBM: 1500V
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Flammability
UL94-V0
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Moisture Resistance
MIL-STD-883, Method 1004
Moisture Sensitivity
J-STD-020, MSL 1
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition K
Resistance to Solvents
MIL-STD-202, Method 215
Solderability
MIL-STD-883, Method 2003
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Vibration
MIL-STD-883, Method 2007, Condition A
www.ecliptek.com | Specification Subject to Change Without Notice | Revision D 02/25/2013 | Page 1 of 6
Ecliptek Corporation 3545 Cadillac Ave., Costa Mesa, CA 92626
1-800-ECLIPTEK or 714.433.1200


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn