Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

J-STD-020 Datasheet(Fiches technique) 5 Page - Ecliptek Corporation

Numéro de pièce J-STD-020
Description  Quartz Crystal Clock Oscillators XO (SPXO) LVPECL (PECL) 2.5Vdc 6 Pad 3.2mm x 5.0mm Ceramic Surface Mount
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ECLIPTEK [Ecliptek Corporation]
Site Internet  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

J-STD-020 Datasheet(HTML) 5 Page - Ecliptek Corporation

  J-STD-020 Datenblatt HTML 1Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 2Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 3Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 4Page - Ecliptek Corporation J-STD-020 Datasheet HTML 5Page - Ecliptek Corporation J-STD-020 Datenblatt HTML 6Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PART NUMBER DATA SHEET
ECLIPTEK
CORPORATION
R
E15C5H2F-125.000M
Recommended Solder Reflow Methods
High Temperature Infrared/Convection
TS MAX to TL (Ramp-up Rate)
3°C/Second Maximum
Preheat
- Temperature Minimum (TS MIN)
150°C
- Temperature Typical (TS TYP)
175°C
- Temperature Maximum (TS MAX)
200°C
- Time (tS MIN)
60 - 180 Seconds
Ramp-up Rate (TL to TP)
3°C/Second Maximum
Time Maintained Above:
- Temperature (TL)
217°C
- Time (tL)
60 - 150 Seconds
Peak Temperature (TP)
260°C Maximum for 10 Seconds Maximum
Target Peak Temperature (TP Target)
250°C +0/-5°C
Time within 5°C of actual peak (tp)
20 - 40 Seconds
Ramp-down Rate
6°C/Second Maximum
Time 25°C to Peak Temperature (t)
8 Minutes Maximum
Moisture Sensitivity Level
Level 1
Additional Notes
Temperatures shown are applied to body of device.
www.ecliptek.com | Specification Subject to Change Without Notice | Revision D 02/25/2013 | Page 5 of 6
Ecliptek Corporation 3545 Cadillac Ave., Costa Mesa, CA 92626
1-800-ECLIPTEK or 714.433.1200


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn