Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC11001 Fiches technique(PDF) 6 Page - Red Lion Controls. Inc

No de pièce TSC11001
Description  MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REDLION [Red Lion Controls. Inc]
Site Internet  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

TSC11001 Fiches technique(HTML) 6 Page - Red Lion Controls. Inc

  TSC11001 Datasheet HTML 1Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 2Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 3Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 4Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 5Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 6Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 7Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
OUTPUT MODULES
Units equipped with RS485 option must have the Dual Alarm or Cooling w/
alarm options fitted with the same type of output modules. The controller’s
main output (OP1) can be fitted with any output module. Output modules are
shipped separately and must be installed by the user.
TYPICAL CONNECTIONS
Relay:
Type: Form -C (Form-A with RS485 option only)
Rating: 5 Amps @ 120/240 VAC or 28 VDC (resistive load), 1/8 HP @ 120
VAC (inductive).
Life Expectancy:100,000 cycles at maximum load rating.
(Decreasing load and/or increasing cycle time, increases life expectancy).
Logic/SSR Drive: can drive multiple SSR Power Units.
Type: Non-isolated switched DC, 12 VDC typical.
Drive: 45 mA max.
Triac:
Type: Isolated, Zero Crossing Detection.
Rating:
Voltage: 120/240 VAC.
Max. Load Current: 1 Amp @ 35°C
0.75 Amp @ 50°C
Min. Load Current: 10 mA
Off State Leakage Current: 7 mA max. @ 60 Hz
Operating Frequency: 20 to 500 Hz.
Protection: Internal Transient Snubber, Fused.
APPLICATION
TSC GLASS TEMPERING APPLICATION
A manufacturer of glass items needs to
anneal (temper) their products to reduce the
brittleness of the glass structure. The tempering
process requires the glass to be heated and
subsequently cooled at a controlled rate to
change the structure of the glass. Different
tempering profiles are required for different
types of glass products.
A TSC is employed to control the
temperature profile of the annealing oven.
Four different temperature profiles are stored in
the controller. The 4 to 20 mA analog output
option is utilized to cool the annealing oven
during the cool down ramp phases. An event
output is used to quickly cool the oven at the
end of the batch run (alarm 1). Alarm 2 is used
to signal the operator whenever the temperature
is outside the prescribed program profile.
Note: Units equipped with the RS485 option
have different terminal designators. See
“Output Variations with or without the
RS485 Option”.
The programming for this profile is as follows:
Parameter Value
Description
“P1r1”
5.0
Ramp from ambient temp. during heat phase at
5.0°/min.
“P1L1”
300
Target setpoint level 300°
“P1H1”
40.0
Heat at 300° for 40.0 minutes
“P1r2”
3.0
Ramp down 3.0°/min. during cooling phase
“P1L2”
150
Target Setpoint is 150°
“P1H2”
0.0
Do not hold at 150° (used as “phantom” hold time
for triggering event output for auxiliary cooling)
“P1r3”
-0.1
End Program
“P1 1”
1F2F
Turn off output 1 (output 2 is alarm)
“P1 2”
1F2F
Keep off output 1
“P1 3”
1F2F
Keep off output 1
“P1 4”
1N2F
Turn on output 1 for Auxiliary Exhaust Fan
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
MAIN CONTROL OUTPUT
THERMOCOUPLE INPUT
4-20mA ANALOG OUTPUT OPTION
(RETRANSMIT % OUTPUT POWER)
ALARM 1 OPTION
(RELAY MODULE INSTALLED)
115 VAC
(MAIN POWER)
-
+
-
+
+
-
+
-
115 VAC
HORN
TEMPERATURE DEVIATION
ALARM
AL2/OP2-A
AL2/OP2-B
AL2/OP2-C
OP1-A
OP1-B
OP1-C
USER INPUT
COMM.
OUT+
OUT-
N/C
AL1-A
AL1-B
AL1-C
SSR
POWER
UNIT
+
-
PROGRAM
DISABLE
(LOGIC/SSR DRIVE MODULE INSTALLED)
ALARM 2 OPTION
(RELAY MODULE INSTALLED)
220 VAC
ANNEALING
OVEN
COOLING
AUXILIARY
EXHAUST
POWER
HEATER
TYPE-J
FAN
I/P CONVERTER
LOAD
A
B
C
POWER
5 AMPS
AT
240
VAC
RELAY
MODULE
DO NOT CONNECT
SSR
POWER
UNIT
LOAD
4
3
1
2
A
B
C
POWER
+12VDC
UNREG.
+
-
NOT
ISOLATED
LOGIC/SSR DRIVE
MODULE
POWER
120VAC
AT
1 AMP
120/240VAC
ISOLATED
A
B
C
RELAY OR
DEVICE
TRIAC
LOAD
DO NOT CONNECT
TRIAC MODULE
TEMPERATURE
START
R1=5°Min
H1=40Min
R2=3°Min
STOP
P1r1
P1 1
P1H1
P1 2
P1r2
P1 3
ON
P1 4
OFF
04080
120
TIME
(Minutes)
150°
300°
PROFILE
PHASE
EVENT
STATE
(Aux. Fan)
RE-START
AMBIENT 80°


Numéro de pièce similaire - TSC11001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSC11 ETC1-TSC11 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Bothhand USA, LP.
TSC1141 BOTHHAND-TSC1141 Datasheet
179Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1141M BOTHHAND-TSC1141M Datasheet
266Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1142 BOTHHAND-TSC1142 Datasheet
177Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
logo
Taiwan Semiconductor Co...
TSC114A TSC-TSC114A Datasheet
139Kb / 4P
   NPN Digital Transistor
More results

Description similaire - TSC11001

FabricantNo de pièceFiches techniqueDescription
logo
Red Lion Controls. Inc
PSC11004 REDLION-PSC11004 Datasheet
1Mb / 8P
   MODEL PSC - PROCESS SETPOINT CONTROLLER
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
logo
Red Lion Controls. Inc
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com