Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

96HD1TB-ST-SG7KE Fiches technique(PDF) 1 Page - Advantech Co., Ltd.

No de pièce 96HD1TB-ST-SG7KE
Description  Seagate 3.5 1TB SATAIII 7KRPM 128MB 26.1MM 24X7
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96HD1TB-ST-SG7KE Fiches technique(HTML) 1 Page - Advantech Co., Ltd.

  96HD1TB-ST-SG7KE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
96HD1TB-ST-SG7KE
Spec
All product specifications are subject to change without notice.
Last Updated: Oct 14 2015
Peripheral Allied Procurement Services
Your Ultimate Sourcing Partner
Product
96HD1TB-ST-SG7KE
Product Description
Seagate 3.5" 1TB SATAIII 7KRPM 128MB 26.1MM 24X7
Application
Server Storage
Manufacturer
Part Number
ST1000NM0033
Manufacturer
SEAGATE
Capacity
1T
Model Generation
Constellation®
ES.3 Serial ATA
Size
3.5 IN
Interface
SATA
24X7 Operation
YES
Max Transfer Rate
600MB/S
Spindle Speed
7200RPM
Cache Size
128MB
Average Read Seek Time
4.16MS
Thickness
26.1mm
Operating Temperature
NonIND Temp
MTBF
1,400,000HOURS
RoHS Status
YES
Features
Perfect for reliable, 24
×7 bulk data storage
SATA 6Gb/s,7200 RPM performance
Best in class energy efficiency
5 year limited warranty


Numéro de pièce similaire - 96HD1TB-ST-SG7KE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96HD1TB-ST-SG7KE1 ADVANTECH-96HD1TB-ST-SG7KE1 Datasheet
1Mb / 3P
   2U4N Rackmount Server, Designed for Hyper-converged and HPC Application
10-Feb-2020
More results

Description similaire - 96HD1TB-ST-SG7KE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96HD4TB-ST-SG7KE ADVANTECH-96HD4TB-ST-SG7KE Datasheet
186Kb / 1P
   Seagate 3.5 4T SATAIII 7KRPM 128MB Enterprise
96HD1TB-ST-WD7KE ADVANTECH-96HD1TB-ST-WD7KE Datasheet
135Kb / 1P
   W D 3.5 1TB SATAIII 7KRPM 128MB 26.11MM
96ND500G-ST-SG5KA ADVANTECH-96ND500G-ST-SG5KA Datasheet
129Kb / 1P
   Seagate 2.5 500G SATAIII 5KRPM 16MM 24X7 AV
96HD500G-ST-SG7K12 ADVANTECH-96HD500G-ST-SG7K12 Datasheet
128Kb / 1P
   Seagate 3.5 500G SATA 7KRPM 16MB 19.87MM
96ND1TB-ST-SG5K ADVANTECH-96ND1TB-ST-SG5K Datasheet
188Kb / 1P
   Seagate 2.5 1TB SATAIII 5KRPM 64MB 9.5MM 4K with 8GB NAND Flash
96HD4TB-ST-WD7KE ADVANTECH-96HD4TB-ST-WD7KE Datasheet
194Kb / 1P
   WD 3.5 4TB SATA 7KRPM 64MB ENTERPRISE
96ND500G-ST-SG5K3 ADVANTECH-96ND500G-ST-SG5K3 Datasheet
189Kb / 1P
   Seagate 2.5 500G SATAIII 5KRPM 64MB 7MM 4K with 8GB NAND Flash
96HD300G-SS-SG15K1 ADVANTECH-96HD300G-SS-SG15K1 Datasheet
119Kb / 1P
   Seagate 3.5 300G SAS 15KRPM 16MB 25.4MM 6GB/S
Oct 14 2015
96ND500G-ST-SG7KG ADVANTECH-96ND500G-ST-SG7KG Datasheet
133Kb / 1P
   Seagate 2.5
Nov 14 2015
logo
List of Unclassifed Man...
EM488M1644VTA-55L ETC1-EM488M1644VTA-55L Datasheet
920Kb / 18P
   128Mb SDRAM
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com