Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7478AARM Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD7478AARM
Description  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7478AARM Fiches technique(HTML) 1 Page - Analog Devices

  AD7478AARM Datasheet HTML 1Page - Analog Devices AD7478AARM Datasheet HTML 2Page - Analog Devices AD7478AARM Datasheet HTML 3Page - Analog Devices AD7478AARM Datasheet HTML 4Page - Analog Devices AD7478AARM Datasheet HTML 5Page - Analog Devices AD7478AARM Datasheet HTML 6Page - Analog Devices AD7478AARM Datasheet HTML 7Page - Analog Devices AD7478AARM Datasheet HTML 8Page - Analog Devices AD7478AARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. C
a
AD7476A/AD7477A/AD7478A*
2.35 V to 5.25 V, 1 MSPS,
12-/10-/8-Bit ADCs in 6-Lead SC70
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fast Throughput Rate: 1 MSPS
Specified for VDD of 2.35 V to 5.25 V
Low Power:
3.6 mW Typ at 1 MSPS with 3 V Supplies
12.5 mW Typ at 1 MSPS with 5 V Supplies
Wide Input Bandwidth:
71 dB SNR at 100 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface
SPI®/QSPI™/MICROWIRE™/DSP Compatible
Standby Mode: 1
A Max
6-Lead SC70 Package
8-Lead MSOP Package
APPLICATIONS
Battery-Powered Systems
Personal Digital Assistants
Medical Instruments
Mobile Communications
Instrumentation and Control Systems
Data Acquisition Systems
High Speed Modems
Optical Sensors
FUNCTIONAL BLOCK DIAGRAM
12-/10-/8-BIT
SUCCESSIVE-
APPROXIMATION
ADC
CONTROL
LOGIC
AD7476A/AD7477A/AD7478A
GND
VDD
VIN
SCLK
SDATA
CS
T/H
GENERAL DESCRIPTION
The AD7476A/AD7477A/AD7478A are 12-bit, 10-bit, and 8-bit
high speed, low power, successive-approximation ADCs, respec-
tively. The parts operate from a single 2.35 V to 5.25 V power
supply and feature throughput rates up to 1 MSPS. The parts
contain a low noise, wide bandwidth track-and-hold amplifier
that can handle input frequencies in excess of 13 MHz.
The conversion process and data acquisition are controlled using
CS and the serial clock, allowing the devices to interface with
microprocessors or DSPs. The input signal is sampled on the
falling edge of
CS, and the conversion is also initiated at this point.
There are no pipeline delays associated with the parts.
The AD7476A/AD7477A/AD7478A use advanced design tech-
niques to achieve low power dissipation at high throughput rates.
The reference for the part is taken internally from VDD, which
allows the widest dynamic input range to the ADC. Thus, the
analog input range for the part is 0 to VDD. The conversion rate is
determined by the SCLK.
PRODUCT HIGHLIGHTS
1. First 8-/10-/12-bit ADCs in an SC70 package.
2. High throughput with low power consumption.
3. Flexible power/serial clock speed management. The conversion
rate is determined by the serial clock, allowing the conver-
sion time to be reduced through the serial clock speed increase.
This allows the average power consumption to be reduced
when a power-down mode is used while not converting. The
parts also feature a power-down mode to maximize power
efficiency at lower throughput rates. Current consumption is
1
µA max and 50 nA typically when in power-down mode.
4. Reference derived from the power supply.
5. No pipeline delay. The parts feature a standard successive-
approximation ADC with accurate control of the sampling
instant via a
CS input and once-off conversion control.
*Protected by U.S.Patent No. 6,681,332.


Numéro de pièce similaire - AD7478AARM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7478AARM AD-AD7478AARM Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478AARMZ AD-AD7478AARMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results

Description similaire - AD7478AARM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com