Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-024-12-02-00-00 Datasheet(Fiches technique) 2 Page - Laird Tech Smart Technology

Numéro de pièce LA-024-12-02-00-00
Description  Compact form factor
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-024-12-02-00-00 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  LA-024-12-02-00-00 Datenblatt HTML 1Page - Laird Tech Smart Technology LA-024-12-02-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology LA-024-12-02-00-00 Datenblatt HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 LA‐024‐12‐02‐00‐00 
Liquid‐to‐Air Thermoelectric Assembly 
 
 
 
 
 
SPECIFICATIONS 
TECHNICAL 
 
Technology 
Thermoelectric based 
Cooling at ΔT = 0°C 
24 W 
Voltage (nominal / maximum) 
1 
12/15 VDC  
Current draw, ±10% (nominal / 
startup) 
2.2/2.8 A 
Weight 
0.5 kg 
MTBF (fans) 
50,000 hours 
Performance Tolerance 
±10% 
ENVIRONMENTAL 
 
Temperature range 
‐10°C to +48°C 
 


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn