Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7265BSU Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7265BSU
Description  Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7265BSU Fiches technique(HTML) 5 Page - Analog Devices

  AD7265BSU Datasheet HTML 1Page - Analog Devices AD7265BSU Datasheet HTML 2Page - Analog Devices AD7265BSU Datasheet HTML 3Page - Analog Devices AD7265BSU Datasheet HTML 4Page - Analog Devices AD7265BSU Datasheet HTML 5Page - Analog Devices AD7265BSU Datasheet HTML 6Page - Analog Devices AD7265BSU Datasheet HTML 7Page - Analog Devices AD7265BSU Datasheet HTML 8Page - Analog Devices AD7265BSU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
AD7265
ABSOLUTE MAXIMUM RATINGS
Table 3. AD7265 Stress Ratings
Parameter
Rating
VDD to AGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
VDRIVE to DGND
–0.3 V to DVDD
VDRIVE to AGND
–0.3 V to AVDD
AVDD to DVDD
–0.3 V to +0.3 V
AGND to DGND
–0.3 V to +0.3 V
Analog Input Voltage to AGND
–0.3 V to AVDD +0.3 V
Digital Input Voltage to DGND
–0.3 V to +7 V
Digital Output Voltage to GND
–0.3 V to VDRIVE +0.3 V
VREF to AGND
–0.3 V to AVDD +0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
LFCSP Package
θJA Thermal Impedance
108.2°C/W
θJC Thermal Impedance
32.71°C/W
Lead Temperature, Soldering
TBD°C/W
Reflow Temperature (10- 30 sec)
TBD°C
ESD
TBD
1 Transient currents of up to 100 mA will not cause SCR latch up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev. PrA | Page 5 of 16


Numéro de pièce similaire - AD7265BSU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7265BSUZ AD-AD7265BSUZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BSUZ AD-AD7265BSUZ Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7265BSUZ-REEL AD-AD7265BSUZ-REEL Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BSUZ-REEL AD-AD7265BSUZ-REEL Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7265BSUZ-REEL7 AD-AD7265BSUZ-REEL7 Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results

Description similaire - AD7265BSU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com