Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

G-MRCO-007 Datasheet(Fiches technique) 5 Page - TE Connectivity Ltd

Numéro de pièce G-MRCO-007
Description  Linear Magnetic Field Sensors
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-007 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  G-MRCO-007 Datenblatt HTML 1Page - TE Connectivity Ltd G-MRCO-007 Datenblatt HTML 2Page - TE Connectivity Ltd G-MRCO-007 Datenblatt HTML 3Page - TE Connectivity Ltd G-MRCO-007 Datenblatt HTML 4Page - TE Connectivity Ltd G-MRCO-007 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-007 Datenblatt HTML 6Page - TE Connectivity Ltd G-MRCO-007 Datenblatt HTML 7Page - TE Connectivity Ltd G-MRCO-007 Datenblatt HTML 8Page - TE Connectivity Ltd G-MRCO-007 Datenblatt HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KMY_KMZ
Linear Magnetic Field Sensors
SENSOR SOLUTIONS ///KMY_KMZ Rev 4
1/2016
Page 5
The output voltage of the MR half bridge is measured
against a reference half bridge
Condition B: Sensor Specifications (T=25 °C, S-Type: Hx=3.0
0.5 kA/m)
Output voltage range
VO/Vcc
mV/V
m in
,
m ax
,
;
/
7
...
7
O
O
O
y
V
V
V
m
kA
H
Offset voltage
Voff/Vcc
mV/V
 
y
O
off
y
H
V
V
H
;
0
Sensitivity
S
(mV/V)/(kA/m)
   
cc
y
y
y
V
H
V
H
V
S
m
kA
H
2
:
;
/
1
0
0
Hysteresis
VH/Vcc
µV/V
Hy in kA/m
cc
y
y
y
y
V
H
H
V
H
H
V
/
))
1
1
;
0
(
)
1
1
;
0
(
(
0
0
Condition C: Sensor Specifications (reference temperatures T=-25°C, +125°C)
Ambient temperatures
T
°C
T1=-25 °C, T0=+25 °C, T2=+125 °C
TC of amplitude
TCSV
%/K
%
100
)
(
/
)
(
/
)
(
/
)
(
1
1
0
1
0
2
0
1
2

T
V
V
T
V
V
T
V
V
T
T
TCV
cc
cc
cc
TC of resistance
TCBR
%/K
%
100
)
(
)
(
)
(
)
(
1
1
1
2
1
2
T
R
T
R
T
R
T
T
TCR
TC of offset
TCVoff
(µV/V)/K
)
(
)
(
)
(
1
2
1
2
T
T
T
Voff
T
Voff
TCVoff


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn