Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

G-MRCO-011 Fiches technique(PDF) 6 Page - TE Connectivity Ltd

No de pièce G-MRCO-011
Description  Linear Magnetic Field Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-011 Fiches technique(HTML) 6 Page - TE Connectivity Ltd

  G-MRCO-011 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 6Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 7Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 8Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
KMY_KMZ
Linear Magnetic Field Sensors
SENSOR SOLUTIONS ///KMY_KMZ Rev 4
1/2016
Page 6
SENSOR MODELS
KMY 20 / KMY 22 / KMZ 20
The KMY and KMZ sensors are highly sensitive magnetic field sensors which utilize the anisotropic magneto
resistance effect. The KMY 20 and KMZ 20 sensors contain a Wheatstone bridge.
Figure 3
: Pad annotation and definition of field direction for KMY & KMZ
Y
X
Y
X
Y
X
+Vo
+Vcc
GND
-Vo
1 2
3 4
-15
-10
-5
0
5
10
15
-5
-4
-3
-2
-1
0
1
2
3
4
5
Field Strength Hy in kA/m
Auxiliary field: Hx=3 kA/m
Figure 4
: Characteristic
output curve of KMY 20
S / KMY 22 / KMZ 20 S
for
an
auxiliary
field
strength of Hx=3 kA/m


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn