Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP25DG48D05 Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited

No de pièce TP25DG48D05
Description  25W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP25DG48D05 Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited

  TP25DG48D05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP25DG48D05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP25DG48D05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP25DG48D05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP25DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
第 3 页 共 4 页
Units: mm
Tolerance: ± 0.2mm
PIN CONNECTION
Pin
Single Output
Dual Output
Three Output
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
3
CTL
CTL
CTL
4
TRM
TRM
/
[4]
/
/
-Vout3
5
-Vout
-Vout
/
[5]
/
/
COM
6
+Vout
/
/
(6)
/
COM
/
[6]
/
/
+Vout1
7
/
+Vout
/
[7]
/
/
+Vout2
MODEL SELECTION
RECOMMEND CIRCUIT
Single Output
RECOMMEND CIRCUIT
+ vin
-vin
Cin
+
+ V0
Cout
+
-V0
DC -DC
TP 25
D G
24 S 05 W
W:4:1 Wide voltage input range
Output voltage
S: Single output
D: Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
50.80
45.72
2.54
12.90
10.16
5.08
10.16
10.16
10.16
10.16
50.80
11.20
1.00
>4.00
1
2
3
7
(6)
5
4
[7]
(6)
[5]
[4]
6
bottom view


Numéro de pièce similaire - TP25DG48D05

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP25DD TOPPOWER-TP25DD Datasheet
643Kb / 4P
   TP25DD
More results

Description similaire - TP25DG48D05

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
   40W Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP12DC TOPPOWER-TP12DC Datasheet
152Kb / 4P
   12W Wide Input Voltage DC/DC Converters
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com