Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP10DC24D15 Fiches technique(PDF) 4 Page - Toppower Electronic Technology Limited

No de pièce TP10DC24D15
Description  10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10DC24D15 Fiches technique(HTML) 4 Page - Toppower Electronic Technology Limited

  TP10DC24D15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10DC24D15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10DC24D15 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP10DC24D15 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP10DC Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 4 of 4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT:
Single Output:
Dual Output:
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+vin
-vin
Cin
+
+V0
Cout
+
-V0
DC-DC
+vin
-vin
Cin
+
+V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.
TOPPOWER


Numéro de pièce similaire - TP10DC24D15

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DA24D12 TOPPOWER-TP10DA24D12 Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Description similaire - TP10DC24D15

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
   10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
   50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com