Moteur de recherche de fiches techniques de composants électroniques |
|
TP20AU220S15 Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited |
|
TP20AU220S15 Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited |
3 / 4 page TP20AU Series www.gztoppower.con TEL:0086-20-82019000 Email:sales2@gztoppower.com 第 3 页 共 4 页 MECHANICAL DIMENSIONS PIN CONNECTION Pin Single output Dual output (Com) Dual output (NC) Triple output 1 FG FG FG FG 2 N N N N 3 L L L L 4 -V0 -V0 / / (4) / / -V01 -V01 5 / / +V01 +V01 6 / COM / / (6) / / / -V02 7 / / -V02 / (7) / / / COM 8 +V0 +V0 / / (8) / / +V02 +V02 MODEL SELECTION Units:mm Tolerance:±0.2mm TP 20 A U 220 D 05 W W:4:1 Wide voltage input range Main (auxiliary) output voltage S:single output, D:Dual output Rated input voltage Package type AC-DC Rated output power Brand name TP 20 A U 220 T 05 D 12 W W:4:1 wide voltage input range Auxiliary output voltage D: Auxiliary is dual output Main output voltage S:single output, D:Dual output T:Triple Output Rated input voltage Package type AC-DC Rated output power Brand name W:4:1 Wide voltage input range Auxiliary Output Voltage P: Auxiliary is positive output voltage Main output voltage S:single output, D:Dual output T:Triple Outpu S: Rated input voltage Package type AC-DC Rated output power Brand name TP 20 A U 220 T 05 P 12 W 48.00 1.30 23.5 8.00 20.00 20.00 1 2 3 4 (4) 5 6 (6) 7 (7) 8 (8) 5.75 4.00 62.00 23.00 70.00 bottom view |
Numéro de pièce similaire - TP20AU220S15 |
|
Description similaire - TP20AU220S15 |