Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TP05DA24S05 Fiches technique(PDF) 1 Page - Toppower Electronic Technology Limited

No de pièce TP05DA24S05
Description  5W Wide Input Voltage DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05DA24S05 Fiches technique(HTML) 1 Page - Toppower Electronic Technology Limited

  TP05DA24S05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05DA24S05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05DA24S05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05DA24S05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP05DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 of 4
DESCRIPTION
The rated output power of TP05DA converters is 5W,the outline dimensions is
"31.75*20.32*11.2", 2:1 and 4:1 wide input voltage range,the voltage range is
9V-18V,18V-36V,36V-72V,9V-36V and 18V-72VDC.The accuracy of the converter can reach
±1%,it can be widely used in telecommunications, railway transportation, instrument and etc.
5W Wide Input Voltage DC/DC Converters
FEATURES
5W output power
2:1 and 4:1 wide input voltage range
Over load protection
31.75mm*20.32mm*11.2mm standard package
Fixed switching frequency
Over voltage protection
Metal shell package
RoHS compliant
Operating temperature: -40 to
85℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maxium capacitive load
(u F)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP05DA12S03
12(2:1)
9-18
3.3
1
≥73
2200
TP05DA12S05
12(2:1)
9-18
5
1
≥74
1500
TP05DA12S12
12(2:1)
9-18
12
0.42
≥75
660
TP05DA12S15
12(2:1)
9-18
15
0.33
≥75
470
TP05DA12D05
12(2:1)
9-18
±5
±0.5
≥76
±850
TP05DA12D12
12(2:1)
9-18
±12
±0.21
≥78
±140
TP05DA12D15
12(2:1)
9-18
±15
±0.17
≥79
±47
TP05DA24S03
24(2:1)
18-36
3.3
1
≥74
2200
TP05DA24S05
24(2:1)
18-36
5
1
≥76
1500
TP05DA24S12
24(2:1)
18-36
12
0.42
≥76
660
TP05DA24S15
24(2:1)
18-36
15
0.33
≥76
470
TP05DA24S24
24(2:1)
18-36
24
0.21
≥76
470
TP05DA24D05
24(2:1)
18-36
±5
±0.5
≥78
±850
TP05DA24D12
24(2:1)
18-36
±12
±0.21
≥79
±140
TP05DA24D15
24(2:1)
18-36
±15
±0.17
≥79
±47
TP05DA48S03
48(2:1)
36-72
3.3
1
≥74
2200
TP05DA48S05
48(2:1)
36-72
5
1
≥76
1500
TP05DA48S12
48(2:1)
36-72
12
0.42
≥78
660
TP05DA48S15
48(2:1)
36-72
15
0.33
≥78
470
TP05DA48D05
48(2:1)
36-72
±5
±0.5
≥79
±850
TP05DA48D12
48(2:1)
36-72
±12
±0.21
≥79
±140
TP05DA48D15
48(2:1)
36-72
±15
±0.17
≥80
±47
TP05DA24S05W
24(4:1)
9-36
5
1
≥75
1500
TP05DA24S12W
24(4:1)
9-36
12
0.42
≥75
660
TP05DA24S15W
24(4:1)
9-36
15
0.33
≥75
470
TP05DA24D05W
24(4:1)
9-36
±5
±0.5
≥77
±850
TP05DA24D12W
24(4:1)
9-36
±12
±0.21
≥78
±140
TP05DA24D15W
24(4:1)
9-36
±15
±0.17
≥78
±47
TP05DA48S05W
48(4:1)
18-72
5
1
≥75
1500
TP05DA48S12W
48(4:1)
18-72
12
0.42
≥77
660
TP05DA48S15W
48(4:1)
18-72
15
0.33
≥77
470
TP05DA48D05W
48(4:1)
18-72
±5
±0.5
≥78
±850
TP05DA48D12W
48(4:1)
18-72
±12
±0.21
≥78
±140
TP05DA48D15W
48(4:1)
18-72
±15
±0.17
≥79
±47


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn