Moteur de recherche de fiches techniques de composants électroniques |
|
TP03AC220S12 Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited |
|
TP03AC220S12 Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited |
3 / 3 page TP03AC Series www.gztoppower.con TEL:0086-20-82019000 Email:sales2@gztoppower.com Page 3 / 3 MODEL SELECTION RECOMMEND CIRCUIT C1, C2, C3, C4, C5, C6 capacitor values refer to parameter table USING ATTENTIONS Module will cause irreversible damage when it in the long-term overload state. Module will cause irreversible damage when it out of the state maximum input voltage range TP 03 A C 220 D 05 W W:4:1 Wide voltage input range Main (auxiliary) output voltage S:single output, D:Dual output Rated input voltage Package type AC-DC Rated output power Brand name TP 03 A C 220 T 05 D 12 W W:4:1 Wide voltage input range Auxiliary Output Voltage D: Auxiliary is dual output Main Road output voltage S:single output D:Dual output T:Triple output Rated input voltage Package type AC-DC Rated output power Brand name S in gle O utput A C -D C F U S E C 1 C 2 + + -V 0 +V 0 FG N L D ua l O utpu t(C OM ) AC-DC F U S E C 1 C 1 + + + + C 3 C 4 +V 0 -V 0 C O M F G N L |
Numéro de pièce similaire - TP03AC220S12 |
|
Description similaire - TP03AC220S12 |