Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3--21000--4 Fiches technique(PDF) 2 Page - TE Connectivity Ltd

No de pièce 3--21000--4
Description  Adapter Kits for GREENERD Manual
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3--21000--4 Fiches technique(HTML) 2 Page - TE Connectivity Ltd

  3--21000--4 Datasheet HTML 1Page - TE Connectivity Ltd 3--21000--4 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
408- 9027
Rev C
2
of 2
parts is necessary. Parts other than those listed
should be replaced by TE to ensure quality and
reliability. Order replacement parts through your
representative, or call 1--800--526--5142, or send a
facsimile of your purchase order to 717--986--7605, or
write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
5. REVISION SUMMARY
Revisions to this instruction sheet include:
S
Updated document to corporate requirements
Counterbalance Kit
Board Support Plate Kit
Ram Adapter Assembly Kit
127+1.52
[5+.060]
162+1.52
[6.38+.060]
21.8 [.86]
457+1.52 [18+.060]
457+1.52
[18+.060]
9.53
[.375]
(Inside)
1
2
3
4
5
6
7
11
12
10
8
9
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER KIT
1
1--21018--5
NUT, Hex, 5/16--18
2
2
2--21001--2
SCREW, Socket Head Cap, 5/16--18¢1.50 L
2
3
312750--1
COUNTERBALANCE
2
4
1--21018--5
NUT, Hex, 5/16--18
1
5
5--21003--1
SCREW, Socket Head Cap, 5/16--18¢1.75 L
1
6
21055--9
WASHER, Flat, 5/16
1
7
312749--1
PLATE, Board Support
1
8
3--21000--4
SCREW, Socket Head Cap, 10--32¢.38 L
1
9
20908--1
MAGNET, 1.38 D¢1.19 L
1
10
6--21030--8
PIN, Dowel, .50 D¢2.25 L
1
11
312751--1
PUSH BLOCK, 25.4¢102 [1¢4] (Included with Kit 58177--1)
1
11
312751--2
PUSH BLOCK, 25.4¢152 [1¢6] (Included with Kit 58177--2)
1
12
312752--1
ADAPTER, Ram
1
Figure 2


Numéro de pièce similaire - 3--21000--4

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Description similaire - 3--21000--4

FabricantNo de pièceFiches techniqueDescription
logo
Winchester Electronics ...
ADPT1 WINCHESTER-ADPT1 Datasheet
57Kb / 1P
   Adapter Kits
logo
Molex Electronics Ltd.
0011313337 MOLEX11-0011313337 Datasheet
27Kb / 1P
   IDT - Manual - Adapter Kit
0011317559 MOLEX11-0011317559 Datasheet
22Kb / 1P
   IDT - Manual - Adapter Kit
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
   IDT - Manual - Adapter Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
   IDT - Manual - Adapter Kit
0011200947 MOLEX11-0011200947 Datasheet
16Kb / 1P
   IDT - Manual - Adapter Kit
0011219933 MOLEX11-0011219933 Datasheet
16Kb / 1P
   IDT - Manual - Adapter Kit
11-20-0947 MOLEX11-11-20-0947 Datasheet
23Kb / 1P
   IDT - Manual - Adapter Kit
11-31-1570 MOLEX11-11-31-1570 Datasheet
22Kb / 1P
   IDT - Manual - Adapter Kit
11-31-2176 MOLEX11-11-31-2176 Datasheet
28Kb / 1P
   IDT - Manual - Adapter Kit
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com