Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS322600PCXNBXXZL-PF Fiches technique(PDF) 1 Page - Advanced Crystal Technology

No de pièce TS322600PCXNBXXZL-PF
Description  TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TS322600PCXNBXXZL-PF Fiches technique(HTML) 1 Page - Advanced Crystal Technology

  TS322600PCXNBXXZL-PF Datasheet HTML 1Page - Advanced Crystal Technology TS322600PCXNBXXZL-PF Datasheet HTML 2Page - Advanced Crystal Technology TS322600PCXNBXXZL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TSK3225 Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom  12.0MHz ~ 54.0MHz
 
 Supply voltage
Vcc
 1.8V ~ 3.0V  Frequency stability ±0.5ppm over temp.
 2.5V ~ 3.4V
 Frequency stability ±2.0ppm over temp.
 Initial frequency tolerance  
F_tol  ±1.0ppm max.
 At +25°C±2°C
 Frequency stability 
 vs Temperature
F_stb  ±0.5ppm ~ ±3.0ppm
 Table 1
 vs Load
F_load  ±0.2ppm max.  ±10% load condition change
 vs Voltage
F_Vcc  ±0.2ppm max.  ±5% input voltage change
 vs Aging
F_age  ±1.0ppm/year max.
 At +25°C
 vs Reflow
 ±1.0ppm/year max.
 1 reflow and measured after 24hrs
 Operating temperature range (°C)
Topr  0°C ~ +50°C to ‐40°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐40°C ~ +85°C
 Output wave form
 Clipped sine wave
 Output voltage level
 0.8V p‐p (min.)
 Output Load
 10KΩ//10pF
 Current consumption
Icc   2mA max.                         
 Phase noise (dBc/Hz)
  ‐130dBc/Hz
 1kHz offset
 VC‐TCXO option only
 Control voltage
 Vc
  For 2.5V ~ 3.4V : 1.4V ± 1.0V , 1.5V ± 1.0V   Normally Vcc/2  ± 0.6 ~ 1.0V
  For 1.8V ~ 3.0V : 0.9V ± 0.6V , 1.4V ± 1.0V
  Normally Vcc/2  ± 1.0 ~ 1.35V
 Frequency tuning (ppm)
 ±5.0ppm, ±10.0ppm
 Linearity/Slope polarity
 ±10.0% max/Positive slope
 
 ESD sensitive device
 Yes
 Moisture sensitive level (MSL)
1
Note: 1  The voltage is specified as a range. However we do need a specific voltage to be specified to use at test and inspection. Consequently when enquiring a
specific voltage within the range must be specified. Device will function over the entire range, however the full specification is guaranteed within ±5 of specific 
voltage.
 Table 1 Frequency stability vs Temperature
 Temp. (°C)
 Stability in ppm
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
   0°C to 50°C 
√√√√
‐10°C to 60°C 
√√√√
‐20°C to 70°C 
√√√√
‐30°C to 75°C 
√√√√
‐30°C to 85°C 
√√√√
‐40°C to 85°C 
X
√√√√
Pad 1 : Control voltage (VCTCXO). No connection(TCXO)
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave
Dimensions(Unit:mm)
From ±0.5ppm stability over 0°C to 50°C
3.2
0.60
1.88
2.48
1.00
1
2
3
4
1
2
3
4
Land pattern
1.00 mm
Bottom view
Top view
1
2
34


Numéro de pièce similaire - TS322600PCXNBXXZL-PF

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
TS3200S ZSELEC-TS3200S Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Transcend Information. ...
TS320GSJ25C TRANSCEND-TS320GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS320GSJ25F TRANSCEND-TS320GSJ25F Datasheet
364Kb / 2P
   External HDD
TS320GSJ25P TRANSCEND-TS320GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
logo
Zibo Seno Electronic En...
TS320S ZSELEC-TS320S Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Description similaire - TS322600PCXNBXXZL-PF

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Crystal Techno...
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
QUARTZCOM the communica...
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com