Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFPS35N50L Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRFPS35N50L
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFPS35N50L Fiches technique(HTML) 2 Page - International Rectifier

  IRFPS35N50L Datasheet HTML 1Page - International Rectifier IRFPS35N50L Datasheet HTML 2Page - International Rectifier IRFPS35N50L Datasheet HTML 3Page - International Rectifier IRFPS35N50L Datasheet HTML 4Page - International Rectifier IRFPS35N50L Datasheet HTML 5Page - International Rectifier IRFPS35N50L Datasheet HTML 6Page - International Rectifier IRFPS35N50L Datasheet HTML 7Page - International Rectifier IRFPS35N50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFPS35N50L
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
‚ Starting TJ = 25°C, L = 0.97mH, RG =25Ω,
IAS = 34A (See Figure 13)
Notes:
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
ƒ I
SD ≤ 34A, di/dt ≤ 765A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
† Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
∆V
(BR)DSS/
∆T
J
Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.125 0.145
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
50
µA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.1
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ. Max. Units
gfs
Forward Transconductance
18
–––
–––
S
Qg
Total Gate Charge
–––
–––
230
Qgs
Gate-to-Source Charge
–––
–––
65
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
110
td(on)
Turn-On Delay Time
–––
24
–––
tr
Rise Time
–––
100
–––
ns
td(off)
Turn-Off Delay Time
–––
42
–––
tf
Fall Time
–––42–––
Ciss
Input Capacitance
–––
5580
–––
Coss
Output Capacitance
–––
590
–––
Crss
Reverse Transfer Capacitance
–––
58
–––
pF
Coss
Output Capacitance
–––
7290
–––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
160
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
320
–––
Coss eff. (ER)
Effective Output Capacitance
–––
220
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
h
–––
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
°C/W
RθJA
Junction-to-Ambient
h
–––
VDS = VGS, ID = 250µA
VDS = 500V, VGS = 0V
VDS = 400V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 20A
f
VGS = 30V
f = 1MHz, open drain
Conditions
VDS = 50V, ID = 20A
VGS = -30V
ID = 34A
VDS = 400V
VGS = 10V, See Fig. 7 & 15
f
VDD = 250V
ID = 34A
RG = 1.2
VGS = 10V, See Fig. 10a & 10b
f
VGS = 0V
VDS = 25V
34
45
Max.
560
VGS = 0V,VDS = 0V to 400V
g
ƒ = 1.0MHz, See Fig. 5
40
Max.
0.28
–––


Numéro de pièce similaire - IRFPS35N50L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
IRFPS35N50L VISHAY-IRFPS35N50L Datasheet
152Kb / 8P
   IRFPS35N50L
S-81368-Rev. A, 21-Jul-08
logo
International Rectifier
IRFPS35N50LPBF IRF-IRFPS35N50LPBF Datasheet
152Kb / 8P
   SMPS MOSFET
logo
Vishay Siliconix
IRFPS35N50LPBF VISHAY-IRFPS35N50LPBF Datasheet
152Kb / 8P
   IRFPS35N50L
S-81368-Rev. A, 21-Jul-08
More results

Description similaire - IRFPS35N50L

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com