Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC34063 Datasheet(Fiches technique) 2 Page - ON Semiconductor

Numéro de pièce MC34063
Description  DC-to-DC Converter Control Circuits
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063 Datasheet(HTML) 2 Page - ON Semiconductor

  MC34063 Datenblatt HTML 1Page - ON Semiconductor MC34063 Datasheet HTML 2Page - ON Semiconductor MC34063 Datenblatt HTML 3Page - ON Semiconductor MC34063 Datenblatt HTML 4Page - ON Semiconductor MC34063 Datenblatt HTML 5Page - ON Semiconductor MC34063 Datenblatt HTML 6Page - ON Semiconductor MC34063 Datenblatt HTML 7Page - ON Semiconductor MC34063 Datenblatt HTML 8Page - ON Semiconductor MC34063 Datenblatt HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC34063A, MC33063A
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
–0.3 to +40
Vdc
Switch Collector Voltage
VC(switch)
40
Vdc
Switch Emitter Voltage (VPin 1 = 40 V)
VE(switch)
40
Vdc
Switch Collector to Emitter Voltage
VCE(switch)
40
Vdc
Driver Collector Voltage
VC(driver)
40
Vdc
Driver Collector Current (Note 1.)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation and Thermal Characteristics
Plastic Package, P, P1 Suffix
TA = 25°C
PD
1.25
W
Thermal Resistance
RθJA
100
°C/W
SOIC Package, D Suffix
TA = 25°C
PD
625
W
Thermal Resistance
RθJA
160
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
TA
°C
MC34063A
0 to +70
MC33063AV
–40 to +125
MC33063A
–40 to +85
Storage Temperature Range
Tstg
–65 to +150
°C
1. Maximum package power dissipation limits must be observed.
2. ESD data available upon request.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MC34063ADC-to-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreON Semiconductor
SL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 System Logic Semiconductor
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 List of Unclassifed Manufacturers
MC34063DC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreSTMicroelectronics
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
PL34063AQ8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn