Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC34063 Datasheet(Fiches technique) 12 Page - ON Semiconductor

Numéro de pièce MC34063
Description  DC-to-DC Converter Control Circuits
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo 

MC34063 Datasheet(HTML) 12 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MC34063A, MC33063A
http://onsemi.com
12
PACKAGE DIMENSIONS
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10
PDIP–8
P, P1 SUFFIX
PLASTIC PACKAGE
CASE 626–05
ISSUE K
SO–8
D SUFFIX
PLASTIC PACKAGE
CASE 751–06
ISSUE T
NOTES:
1. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
2. PACKAGE CONTOUR OPTIONAL (ROUND OR
SQUARE CORNERS).
3. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
9.40
6.10
3.94
0.38
1.02
0.76
0.20
2.92
0.76
10.16
6.60
4.45
0.51
1.78
1.27
0.30
3.43
0.370
0.240
0.155
0.015
0.040
0.030
0.008
0.115
0.030
0.400
0.260
0.175
0.020
0.070
0.050
0.012
0.135
10°
1.01
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A
B
C
D
F
G
H
J
K
L
M
N
10°
0.040
F
H
G
D
N
C
K
M
J
L
NOTE 2
1
4
5
8
T
0.13 (0.005)
AB
M
M
M
–A–
–B–
–T–
SEATING
PLANE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
MC34063ADC-to-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreON Semiconductor
SL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 System Logic Semiconductor
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 List of Unclassifed Manufacturers
MC34063DC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreSTMicroelectronics
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
PL34063AQ8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn