Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33793 Fiches technique(PDF) 7 Page - Motorola, Inc

No de pièce MC33793
Description  Distributed System Interface (DSI) Sensor Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33793 Fiches technique(HTML) 7 Page - Motorola, Inc

Back Button MC33793 Datasheet HTML 3Page - Motorola, Inc MC33793 Datasheet HTML 4Page - Motorola, Inc MC33793 Datasheet HTML 5Page - Motorola, Inc MC33793 Datasheet HTML 6Page - Motorola, Inc MC33793 Datasheet HTML 7Page - Motorola, Inc MC33793 Datasheet HTML 8Page - Motorola, Inc MC33793 Datasheet HTML 9Page - Motorola, Inc MC33793 Datasheet HTML 10Page - Motorola, Inc MC33793 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33793
7
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions -0.3 V VBUSIN or VBUSOUT 30 V, 5.5 V VH_CAP 30 V, -40°C TJ 150°C.
Characteristic
Symbol
Min
Typ
Max
Unit
Initialization to Bus Switch Closing
tBS
100
150
200
µs
Loss of Signal Reset Time
Maximum Time Below Frame Threshold
tTO
––
100
ms
ADC Code Conversion Time (Go, No-Go Test)
tADC
––
27
µs
BUSIN and BUSOUT Response Current Transition Time
1.0 mA to 9.0 mA Transition, 9.0 mA to 1.0 mA
tITR
–7.0
10
mA/
µs
BUSIN or BUSIN Timing to Response Current
BUSIN or BUSOUT Negative Voltage Transition = 3.0 V to IRSPH = 7.0 mA
BUSIN or BUSOUT Negative Voltage Transition = 3.0 V to IRSPL = 5.0 mA
tRSPH
tRSPL
3.3
3.3
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC33793

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
MC33793D FREESCALE-MC33793D Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
MC33793DR2 FREESCALE-MC33793DR2 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
More results

Description similaire - MC33793

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
[Old version datasheet]   programmable system interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com