Moteur de recherche de fiches techniques de composants électroniques |
|
TT532600NEXNJXXSC-PF Fiches technique(PDF) 3 Page - Advanced Crystal Technology |
|
TT532600NEXNJXXSC-PF Fiches technique(HTML) 3 Page - Advanced Crystal Technology |
3 / 3 page (V)TCT53‐4 Series TCXO/VC‐TCXO, 5.0 x 3.2mm, HCMOS/TTL Drawing control: (Internal use only) Commodity code: 854370 90 99 Issue number : 1 Date : 25042016 Internal reference : M6 Solder reflow profile Test circuit Advanced Crystal Technology (A wholly owned Acal BFi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification CL Pin 1 Pin 2 Pin 3 Pin 4 Output GND GND for TCXO Vc for VCTCXO Vcc V A Supply Vcc 0.01µF Tr Tf T t 90% 50% 10% Vol Voh Duty cycle = (t/T) x 100% GND Test waveform Temp.( °C) Time (sec.) 180 ± 10°C 90~120 sec. max 0.45 in 260 ± 5°C 10 sec. max 300 250 200 150 100 50 0 220 ± 10°C 30~40 sec. max ⑥ ④ ⑦ ⑧ ⑨ |
Numéro de pièce similaire - TT532600NEXNJXXSC-PF |
|
Description similaire - TT532600NEXNJXXSC-PF |