Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-BGA324J-01 Fiches technique(PDF) 2 Page - Ironwood Electronics.

No de pièce SS-BGA324J-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA324J-01 Fiches technique(HTML) 2 Page - Ironwood Electronics.

  SS-BGA324J-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA324J-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA324J-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA324J-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 of 4
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: H. Hansen
Scale: 3:1
Rev: A
Date: 3/25/05
Modified:
File: SS-BGA324J-01 Dwg
SS-BGA324J-01 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
DXF DATA WILL BE PROVIDED
Socket
Body Size
Orientation Mark
1.25mm±0.13mm(x4)
1.25mm±0.13mm(x4)
5.080mm
28.225mm±0.125mm (x4)
25.725mm(x4)
1.00mm typ.
2.540mm
Mounting Hole
Ø 1.61mm±0.05mm(x4)
Alignment Hole
Ø 0.850mm±0.025mm (x2)
2.74mm*
Ø 0.51mmPAD
2.36mm
21.00mm
42.60mm socket lid siz [1.677"]
49.23mm [1.938"]


Numéro de pièce similaire - SS-BGA324J-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SS-BGA324J-02 IRONWOOD-SS-BGA324J-02 Datasheet
263Kb / 5P
   Minimum real estate required
More results

Description similaire - SS-BGA324J-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com