Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1084 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce GS1084
Description  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1084 Fiches technique(HTML) 4 Page - Vishay Siliconix

  GS1084 Datasheet HTML 1Page - Vishay Siliconix GS1084 Datasheet HTML 2Page - Vishay Siliconix GS1084 Datasheet HTML 3Page - Vishay Siliconix GS1084 Datasheet HTML 4Page - Vishay Siliconix GS1084 Datasheet HTML 5Page - Vishay Siliconix GS1084 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GS1084
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74800
4
26-Mar-02
--0.10
0.10
--0.05
0.05
0
--0.15
--0.20
20
40
60
80
100
120
Fig. 2 – Load Regulation
vs. Temperature
Temperature (
°C)
0
20
40
60
80
100
--50
--25
0
25
50
75
100
125
Fig. 4 – Adjust Pin Current
Temperature (
°C)
0
--1.6
--1.2
--0.8
--0.4
0.4
0.8
0.0
1.2
1.6
--20
0
20
40
60
80
100
120
140
Fig. 5 – Temperature Stability
Temperature (
°C)
Iout = 0.5A
IOUT = 5A
12
4
5
3
Output Current (A)
0
0.4
0.8
1.2
1.6
2.0
0
100
1K
100K
10K
1M
Fig. 6 – Ripple Rejection
(with Cadj 25µF)
Frequency (Hz)
20
30
40
50
60
70
80
10
12
4
5
6
3
Fig. 3 – Minimum Load Current
(Adjustable Version)
Input / Output Differential Voltage (V)
1
2
3
4
5
0
TJ = 0°C
TJ = 25°C
TJ = 125°C
Fig. 1 – Dropout Voltage
vs. Output Current
TJ = 25°C
TJ = 125°C
COUT = 25
µF
COUT = 25
µF
COUT = 10
µF
COUT = 10µF
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Numéro de pièce similaire - GS1084

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE1.8 VISHAY-GS1085CE1.8 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE2.5 VISHAY-GS1085CE2.5 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE3.3 VISHAY-GS1085CE3.3 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CM1.8 VISHAY-GS1085CM1.8 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
More results

Description similaire - GS1084

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com