Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8664ARZ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8664ARZ
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8664ARZ Fiches technique(HTML) 2 Page - Analog Devices

  AD8664ARZ Datasheet HTML 1Page - Analog Devices AD8664ARZ Datasheet HTML 2Page - Analog Devices AD8664ARZ Datasheet HTML 3Page - Analog Devices AD8664ARZ Datasheet HTML 4Page - Analog Devices AD8664ARZ Datasheet HTML 5Page - Analog Devices AD8664ARZ Datasheet HTML 6Page - Analog Devices AD8664ARZ Datasheet HTML 7Page - Analog Devices AD8664ARZ Datasheet HTML 8Page - Analog Devices AD8664ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8661/AD8662/AD8664
Data Sheet
Rev. E | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configurations ........................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AD8661/AD8662/AD8664 Electrical Characteristics—SOIC,
MSOP, and TSSOP ....................................................................... 3
AD8661/AD8662/AD8664 Electrical Characteristics—SOIC,
MSOP, and TSSOP ....................................................................... 4
AD8661 Electrical Characteristics—LFCSP Only ....................5
AD8661 Electrical Characteristics—LFCSP Only ....................6
Absolute Maximum Ratings ............................................................7
Thermal Resistance.......................................................................7
Typical Performance Characteristics ..............................................8
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 15
REVISION HISTORY
7/2016—Rev. D to Rev. E
Changed CP-8-2 to CP-8-13 ........................................ Throughout
Changes to Figure 1 and Figure 2................................................... 1
Added Patent Note, Note 1.............................................................. 1
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide .......................................................... 15
7/2006—Rev. C to Rev. D
Added AD8664 ...................................................................Universal
Added 14-Lead SOIC_N and 14-Lead TSSOP...............Universal
Changes to Features.......................................................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Table 3............................................................................ 5
Changes to Table 4............................................................................ 6
Changes to Table 5 and Table 6....................................................... 7
Changes to Figure 29...................................................................... 11
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide .......................................................... 15
5/2006—Rev. B to Rev. C
Changes to Ordering Guide .......................................................... 13
3/2006—Rev. A to Rev. B
Added AD8662 ...................................................................Universal
Added MSOP ......................................................................Universal
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Table 3.............................................................................5
Changes to Table 4.............................................................................6
Changes to Table 5.............................................................................7
Updated Outline Dimensions....................................................... 13
Changes to Ordering Guide.......................................................... 13
1/2006—Rev. 0 to Rev. A
Added LFCSP_VD .............................................................Universal
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Ordering Guide.......................................................... 13
9/2005—Revision 0: Initial Version


Numéro de pièce similaire - AD8664ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8664ARZ AD-AD8664ARZ Datasheet
184Kb / 5P
   16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8664ARZ AD-AD8664ARZ Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8664ARZ-REEL AD-AD8664ARZ-REEL Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8664ARZ-REEL7 AD-AD8664ARZ-REEL7 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
More results

Description similaire - AD8664ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com