Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2--21000--7 Fiches technique(PDF) 4 Page - Tyco Electronics

No de pièce 2--21000--7
Description  0.8mm CHAMP* Crimper Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

2--21000--7 Fiches technique(HTML) 4 Page - Tyco Electronics

  2--21000--7 Datasheet HTML 1Page - Tyco Electronics 2--21000--7 Datasheet HTML 2Page - Tyco Electronics 2--21000--7 Datasheet HTML 3Page - Tyco Electronics 2--21000--7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408- 4040
0.8mm CHAMP Crimper Assemblies 122842- 1, 122842- 2, and 122842- 3
Rev C
4
of 4
Tyco Electronics Corporation
67.3
[2.65]
101.6
[4.00]
Weight:
1.36 kg [3 lbs]
100.3
[3.95]
7
1
6
3
2
13 15
4
5
8
9 10
11 12 14 16
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER ASSEMBLY
ITEM
PART NUMBER
DESCRIPTION
122842--1
122842--2
122842--3
1
527246--1
TOOL MOUNT
1
1
1
2
122839--1
CRIMPER, 50--Position
1
3
2--21000--6
SCREW, Socket Head Cap, 8--32¢.38 in.
1
1
1
4
543156--1
SPRING, Cable Clamp
2
2
2
5
2--21000--5
SCREW, Socket Head Cap, 8--32¢.25 in.
2
2
2
6
856593--1
SLIDE
1
1
1
7
1--21003--9
SCREW, Flat Head Cap, 6--32¢.32 in.
2
2
2
8
23673--1
HANDLE, Ball
1
1
1
9
21018--7
NUT, Hex 10--32
1
1
1
10
5--21012--4
SCREW, Set 10--32¢.50 in.
1
1
1
11
122841--1
BLOCK, Support, 50--Position
1
12
2--21000--7
SCREW, Socket Head Cap, 8--32¢.50 in.
1
1
1
13
189544--1
CRIMPER, 68--Position
1
14
189543--1
BLOCK, Support, 68--Position
1
15
189544--2
CRIMPER, 36--Position
1
16
189543--2
BLOCK, Support, 36--Position
1
Figure 3


Numéro de pièce similaire - 2--21000--7

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
2--21000--0 TEC-2--21000--0 Datasheet
115Kb / 4P
   Base Assembly Universal
2--21000--3 TEC-2--21000--3 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
2--21000--3 TEC-2--21000--3 Datasheet
115Kb / 4P
   Base Assembly Universal
More results

Description similaire - 2--21000--7

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5796055 MACOM-5796055 Datasheet
212Kb / 2P
   RECEPTACLE ASSEMBLY, RIGHT ANGLE, 68 POS, SHIELDED, CHAMP 0.8MM
552723-1 MACOM-552723-1 Datasheet
32Kb / 1P
   LATCH, LOCKING, CHAMP-LOK
logo
Molex Electronics Ltd.
63811-1100 MOLEX11-63811-1100 Datasheet
37Kb / 1P
   Hand Crimper
0011010088 MOLEX1-0011010088 Datasheet
22Kb / 1P
   Hand Crimper
0011010097 MOLEX1-0011010097 Datasheet
22Kb / 1P
   Hand Crimper
63811-7500 MOLEX11-63811-7500 Datasheet
39Kb / 1P
   Hand Crimper
0011010189 MOLEX-0011010189 Datasheet
30Kb / 1P
   Hand Crimper
11/04/2009
0011010209 MOLEX-0011010209 Datasheet
30Kb / 1P
   Hand Crimper
01/12/2010
logo
Tyco Electronics
5175677-2 MACOM-5175677-2 Datasheet
91Kb / 1P
   CHAMP .050 PLUG CONN. KIT
logo
Molex Electronics Ltd.
11-01-0117 MOLEX11-11-01-0117 Datasheet
22Kb / 1P
   Hand Crimper
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com