Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6680 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDD6680
Description  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6680 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDD6680 Datasheet HTML 1Page - Fairchild Semiconductor FDD6680 Datasheet HTML 2Page - Fairchild Semiconductor FDD6680 Datasheet HTML 3Page - Fairchild Semiconductor FDD6680 Datasheet HTML 4Page - Fairchild Semiconductor FDD6680 Datasheet HTML 5Page - Fairchild Semiconductor FDD6680 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDD6680/FDU6680 Rev. C1(W)
D
R
P
DS(ON)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.3
A
VSD
Drain–Source Diode Forward Voltage
VGS = 0 V,
IS = 2.3 A
(Note 2)
0.76
1.2
V
trr
Diode Reverse Recovery Time
24
nS
Qrr
Diode Reverse Recovery Charge
IF = 12 A,
diF/dt = 100 A/µs
13
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 45°C/W when mounted on a
1in
2 pad of 2 oz copper
b) RθJA = 96°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at TC = 25°C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A


Numéro de pièce similaire - FDD6680

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6680 FAIRCHILD-FDD6680 Datasheet
199Kb / 6P
   N-Channel Logic Level PWM Optimized PowerTrench??MOSFET
FDD6680 FAIRCHILD-FDD6680 Datasheet
121Kb / 6P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6680 ISC-FDD6680 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
FDD6680-NL VBSEMI-FDD6680-NL Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results

Description similaire - FDD6680

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com