Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7742 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce DAC7742
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7742 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  DAC7742 Datasheet HTML 1Page - Burr-Brown (TI) DAC7742 Datasheet HTML 2Page - Burr-Brown (TI) DAC7742 Datasheet HTML 3Page - Burr-Brown (TI) DAC7742 Datasheet HTML 4Page - Burr-Brown (TI) DAC7742 Datasheet HTML 5Page - Burr-Brown (TI) DAC7742 Datasheet HTML 6Page - Burr-Brown (TI) DAC7742 Datasheet HTML 7Page - Burr-Brown (TI) DAC7742 Datasheet HTML 8Page - Burr-Brown (TI) DAC7742 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DAC7742
4
SBAS256
www.ti.com
Top View
LQFP
PIN CONFIGURATION
PIN
NAME
DESCRIPTION
1
NC
No Connection
2VSS
Negative Analog Power Supply
3VCC
Positive Analog Power Supply
4VREF
Buffered Output from REFIN; can be used to
drive external devices. Internally, this pin
directly drives the DAC's circuitry.
5ROFFSET
Offsetting Resistor
6
AGND
Analog Ground (Must be tied to analog ground.)
7
AGND
Analog Ground (Must be tied to analog ground.)
8
RFB2
Feedback Resistor 2, used to configure DAC
output range.
9
RFB1
Feedback Resistor 1, used to configure DAC
output range.
10
SJ
Summing Junction of the Output Amplifier
11
VOUT
DAC Voltage Output
12
NC
No Connection
13
NC
No Connection
14
NC
No Connection
15
NC
No Connection
16
DB0
Data Bit 0 (LSB)
17
DB1
Data Bit 1
18
DB2
Data Bit 2
19
DB3
Data Bit 3
20
DB4
Data Bit 4
21
DB5
Data Bit 5
22
DB6
Data Bit 6
23
NC
No Connection
24
NC
No Connection
25
NC
No Connection
26
TEST
Reserved, Connect to DGND
27
DB7
Data Bit 7
PIN DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
NC
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
TEST
NC
1
2
3
4
5
6
7
8
9
10
11
12
NC
V
SS
V
CC
V
REF
R
OFFSET
AGND
AGND
RFB2
RFB1
SJ
V
OUT
NC
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
DAC7742
28
DB8
Data Bit 8
29
DB9
Data Bit 9
30
DB10
Data Bit 10
31
DB11
Data Bit 11
32
DB12
Data Bit 12
33
DB13
Data Bit 13
34
DB14
Data Bit 14
35
DB15
Data Bit 15 (MSB)
36
NC
No Connection
37
DGND
Digital Ground
38
VDD
Digital Power Supply
39
RST
VOUT reset; active LOW, depending on the state of
RSTSEL, the DAC register is either reset to mid-
scale or min-scale.
40
LDAC
DAC register load control, active LOW. Data is
loaded from the input register to the DAC register.
41
CS
Chip Select, Active LOW
42
R/W
Enabled by CS, controls data read (HIGH) and
write (LOW) from or to the input register.
43
RSTSEL
Reset Select; determines the action of RST. If
HIGH, RST will reset the DAC register to mid-
scale. If LOW, RST will reset the DAC register to
min-scale.
44
REFEN
Enables internal +10V reference (REFOUT), active
LOW.
45
REFOUT
Internal Reference Output
46
REFADJ
Internal Reference Trim. (Acts as a gain
adjustment input when the internal reference is
used.)
47
REFIN
Reference Input
48
NC
No Connection
PIN
NAME
DESCRIPTION


Numéro de pièce similaire - DAC7742

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7742Y/250 TI1-DAC7742Y/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YB/250 TI1-DAC7742YB/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250 TI1-DAC7742YC/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250G4 TI1-DAC7742YC/250G4 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Description similaire - DAC7742

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com