Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CG2430X1 Fiches technique(PDF) 7 Page - California Eastern Labs

No de pièce CG2430X1
Description  0.1 to 6.0GHz SP3T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

CG2430X1 Fiches technique(HTML) 7 Page - California Eastern Labs

  CG2430X1 Datasheet HTML 1Page - California Eastern Labs CG2430X1 Datasheet HTML 2Page - California Eastern Labs CG2430X1 Datasheet HTML 3Page - California Eastern Labs CG2430X1 Datasheet HTML 4Page - California Eastern Labs CG2430X1 Datasheet HTML 5Page - California Eastern Labs CG2430X1 Datasheet HTML 6Page - California Eastern Labs CG2430X1 Datasheet HTML 7Page - California Eastern Labs CG2430X1 Datasheet HTML 8Page - California Eastern Labs CG2430X1 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CG2430X1
This document is subject to change without notice.
7
REVISION HISTORY
Version
Change to current version
Page(s)
CDS-0010-03 (Issue A)
February 17, 2016
Initial datasheet
N/A
CDS-0010-03 (Issue B)
March 23, 2016
Added Eval Board ordering information.
Updated Marking information.
1,2
CDS-0010-04 (Issue C)
April 20, 2016
Revised package dimensions
(Added tolerance spec and Pin thickness)
5
CDS-0010-04 (Issue D)
August 11, 2016
Removed “Preliminary”
All
CDS-0010-04 (Issue E)
January 11, 2017
Added “Recommended Soldering Conditions” section
6


Numéro de pièce similaire - CG2430X1

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-C2 CEL-CG2430X1-C2 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-C2 CEL-CG2430X1-C2 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-EVAL CEL-CG2430X1-EVAL Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
More results

Description similaire - CG2430X1

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1_17 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
   0.1 to 6.0 GHz SP3T Switch
November 18, 2022
SKY13588-460LF SKYWORKS-SKY13588-460LF Datasheet
739Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF Datasheet
521Kb / 10P
   SKY13373-460LF 0.1-6.0 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com