Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

784776047 Fiches technique(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 784776047
Description  WE-PD2A SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

784776047 Fiches technique(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  784776047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 784776047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 784776047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 784776047 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 784776047 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 784776047 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 784776047 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3.3
3.2
3.1
3.0
2.7
2.6
2.5
REV
2015-01-07
2014-05-19
2014-03-12
2014-02-03
2013-12-05
2013-10-10
2013-04-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
BMoe
BMoe
BMoe
BMoe
BMoe
BMoe
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD2A SMD Power Inductor
Order.- No.
784776047
SIZE
A4
Size: 1054
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in costumer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Washing varnish agent that is used during the production to clean the customer application might damage or change the characteristics of the
wire insulation, the marking or the plating. The washing varnish agent could have a negative effect on the long term function of the product.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
•Solvents may influence the product marking.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-PD2A
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 784776047

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
784776056 WURTH-784776056 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784776068 WURTH-784776068 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784776082 WURTH-784776082 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
More results

Description similaire - 784776047

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
784774139 WURTH-784774139 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784775139 WURTH-784775139 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784773039 WURTH-784773039 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784774212 WURTH-784774212 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
78477610 WURTH-78477610 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784775127 WURTH-784775127 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784775133 WURTH-784775133 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784773022 WURTH-784773022 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
78477310 WURTH-78477310 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784775168 WURTH-784775168 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
784776056 WURTH-784776056 Datasheet
1Mb / 7P
   WE-PD2A SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com