Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC16245AEV Fiches technique(PDF) 4 Page - Integrated Circuit Systems

No de pièce 74LVC16245AEV
Description  16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74LVC16245AEV Fiches technique(HTML) 4 Page - Integrated Circuit Systems

  74LVC16245AEV Datasheet HTML 1Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 2Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 3Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 4Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 5Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 6Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 7Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 8Page - Integrated Circuit Systems 74LVC16245AEV Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2003 Nov 25
4
Philips Semiconductors
Product specification
16-bit bus transceiver with direction pin; 5 V tolerant;
3-state
74LVC16245A;
74LVCH16245A
PINNING
SYMBOL
PIN
BALL
DESCRIPTION
1DIR
1
A1
direction control input
1B0
2
B2
data input/output
1B1
3
B1
data input/output
GND
4, 10, 15, 21, 28, 34, 39, 45
B3, B4, D3, D4, G3, G4, J3, J4
ground (0 V)
1B2
5
C2
data input/output
1B3
6
C1
data input/output
VCC
7, 18, 31, 42
C3, C4, H3, H4
supply voltage
1B4
8
D2
data input/output
1B5
9
D1
data input/output
1B6
11
E2
data input/output
1B7
12
E1
data input/output
2B0
13
F1
data input/output
2B1
14
F2
data input/output
2B2
16
G1
data input/output
2B3
17
G2
data input/output
2B4
19
H1
data input/output
2B5
20
H2
data input/output
2B6
22
J1
data input/output
2B7
23
J2
data input/output
2DIR
24
K1
direction control input
2OE
25
K6
output enable input (active LOW)
2A7
26
J5
data input/output
2A6
27
J6
data input/output
2A5
29
H5
data input/output
2A4
30
H6
data input/output
2A3
32
G5
data input/output
2A2
33
G6
data input/output
2A1
35
F5
data input/output
2A0
36
F6
data input/output
1A7
37
E6
data input/output
1A6
38
E5
data input/output
1A5
40
D6
data input/output
1A4
41
D5
data input/output
1A3
43
C6
data input/output
1A2
44
C5
data input/output
1A1
46
B6
data input/output
1A0
47
B5
data input/output
1OE
48
A6
output enable input (active LOW)
n.c.
A2, A3, A4, A5, K2, K3, K4, K5
not connected


Numéro de pièce similaire - 74LVC16245AEV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC16245AEV PHILIPS-74LVC16245AEV Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74LVC16245AEV PHILIPS-74LVC16245AEV Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results

Description similaire - 74LVC16245AEV

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com