Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

B-05-K-B Datasheet(Fiches technique) 1 Page - Amphenol Corporation

Numéro de pièce B-05-K-B
Description  Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B-05-K-B Datasheet(HTML) 1 Page - Amphenol Corporation

  B-05-K-B Datasheet HTML 1Page - Amphenol Corporation B-05-K-B Datenblatt HTML 2Page - Amphenol Corporation B-05-K-B Datenblatt HTML 3Page - Amphenol Corporation B-05-K-B Datenblatt HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass Coated Bead
Thermistors
NTC Type B Series
Type B05/07/10/14
Small glass coated bead thermistors on fine diameter
platinum alloy lead-wires.
• Extremely small sizes
• Very fast thermal response times
• Low heat capacity and high power sensitivity
• Special thin glass coatings provide hermetic seal
• Suitable for self-heated applications such as: gas
chromatography, thermal conductivity analysis or gas
flow measurement
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system
E0, 392°F (200°C) for Material systems A1 through A4,
572°F (300°C) for Material systems A5 through D17
• Unaffected by severe environmental exposures,
including nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Type B35/43
Large glass coated bead thermistors on fine diameter
platinum alloy lead-wires.
• Suitable for most low cost temperature measurement,
control or compensation applications.
• Special thin glass coatings provide hermetic seal
• Suitable for self-heated applications such as liquid level
sensing or gas flow measurement
• Normal operating/storage temperatures range from
• -112°F (-80°C) to: 221°F (105°C) for Material system
E0, 392°F (200°C) for Material systems A1 through A4,
572°F (300°C) for Material systems A5 through D17
• Unaffected by severe environmental exposures,
including nuclear radiation
• Intermittent operation to 1112°F (600°C) is permissible,
however, stability will be degraded
Amphenol
Advanced Sensors
Features


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn