Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54560BQDDARQ1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54560BQDDARQ1
Description  4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54560BQDDARQ1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54560BQDDARQ1 Datasheet HTML 5Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 6Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 7Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 8Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 9Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 10Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 11Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 12Page - Texas Instruments TPS54560BQDDARQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
0
1
2
3
4
5
6
7
8
9
10
Switching Frequency (kHz)
C045
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
UVLO Start Switching
UVLO Stop Switching
C044
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
BOOT-PH UVLO Falling
BOOT-PH UVLO Rising
C043
70
90
110
130
150
170
190
210
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C041
70
90
110
130
150
170
190
210
0
10
20
30
40
50
60
V
IN - Input Voltage (V)
C042
9
TPS54560B-Q1
www.ti.com
SLVSDP8 – FEBRUARY 2017
Product Folder Links: TPS54560B-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V
Figure 17. VIN Supply Current vs Junction Temperature
TJ = 25°C
Figure 18. VIN Supply Current vs Input Voltage
Figure 19. BOOT-SW UVLO vs Junction Temperature
Figure 20. Input Voltage UVLO vs Junction Temperature
VIN = 12 V
TJ = 25°C
Figure 21. Soft-Start Time vs Switching Frequency


Numéro de pièce similaire - TPS54560BQDDARQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560BDDA TI1-TPS54560BDDA Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560BDDAR TI1-TPS54560BDDAR Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
More results

Description similaire - TPS54560BQDDARQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560_17 Datasheet
2Mb / 46P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
TPS54560 TI-TPS54560_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com