Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

B-05-J-A Datasheet(Fiches technique) 4 Page - Amphenol Corporation

Numéro de pièce B-05-J-A
Description  Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

B-05-J-A Datasheet(HTML) 4 Page - Amphenol Corporation

  B-05-J-A Datenblatt HTML 1Page - Amphenol Corporation B-05-J-A Datenblatt HTML 2Page - Amphenol Corporation B-05-J-A Datenblatt HTML 3Page - Amphenol Corporation B-05-J-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAS-920-177B - 09/2014
www.amphenol-sensors.com
2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
Thermal Time Constant
B35
? Still air at 77F (25C): 4.5 second
? Plunge into water: 100 msec
B43
? Still air at 77F (25C): 5.5 second
? Plunge into water: 140 msec
Dissipation Constant
B35
? Still air at 77F (25C): 0.30 mW/C
? Still water at 77F (25C): 1.50 mW/C
B43
? Still air at 77F (25C): 0.35 mW/C
? Still water at 77F (25C): 2.00 mW/C
Power Rating (In Air)
B35
? Maximum Power Rating: 0.035 W
? 100% Maximum Power To: 302F (150C)
B43
? Maximum Power Rating: 0.035 W
? 100% Maximum Power To: 302F (150C)
? Derated to 0% at: 572F (300C)
Code
Letter
R vs T
Curve
25/125
Ratio
Nominal Resistance Range
at 77F (25C)
B35
B43
E
0
5.0
30 to 51
?
30 to 51
?
A
1
11.8
51 to 150
?
51 to 150
?
A
2
12.5
150 to 360
?
150 to 360
?
A
3
14
360 to 750
?
360 to 750
?
A
4
16.9
750 to 1.5 k
?
750 to 1.5 k
?
A
5
19.8
1.5 to 3.6 k
?
1.5 to 3.6 k
?
A
6
22.1
3.6 to 6.2 k
?
3.6 to 6.2 k
?
A
7
22.7
6.2 to 9.1 k
?
6.2 to 9.1 k
?
B
8
29.4
9.1 to 27 k
?
9.1 to 27 k
?
B
9
30.8
27 to 43 k
?
27 to 43 k
?
B
10
32.3
43 to 75 k
?
43 to 75 k
?
B
11
35.7
75 to 160 k
?
75 to 160 k
?
B
12
38.1
160 to 360 k
?
160 to 360 k
?
B
13
45
360 to 750 k
?
360 to 750 k
?
B
14
48.1
750 to 1.5 M
?
750 to 1.5 M
?
B
15
56.5
1.5 to 3.0 M
?
1.5 to 3.0 M
?
D
16
75.6
3.0 to 8.2 M
?
3.0 to 8.2 M
?
D
17
81
8.2 to 20 M
?
8.2 to 20 M
?
Options
? Non-standard resistance tolerances
? Non-standard resistance values
? Reference temperature(s) other than 77F (25C) - specify
? Mounting in special housings or enclosures
? Longer continuous leads
? Welded or soldered extension leads - specify lead material,
diameter, length, and insulation, if any
? Solderable or weldable/solderable leads
? Calibration - specify temperature(s)
? Interchangeable pairs or sets, R-vs-T curve matching; specify
temperature range(s) and tolerance(s)
? Special aging and conditioning for high reliability applications
Material System (Table B)
*The zero-power resistance at 77F (25C), expressed in?
?, is identified by a
three digit code number. The first two digits represent significant figures, and
the last digit specifies the number of zeros to follow. Example: 10k
??= ?103?.
The standard resistance values are from the 24-Value series decade as specified
in Military Standard MS90178.
1.0 / 1.1 / 1.2 / 1.3 / 1.5 / 1.6 / 1.8 / 2.0 / 2.2 / 2.4 / 2.7 / 3.0
3.3 / 3.6 / 3.9 / 4.3 / 4.7 / 5.1 / 5.6 / 6.2 / 6.8 / 7.5 / 8.2 / 9.1
Ordering Information
The code number to be ordered may be specified as follows:
Code
Type
B
Glass coated bead structure
Code Diameter
05
05 mils
07
07 mils
10
10 mils
14
14 mils
35
35 mils
43
43 mils
Code
Lead Configuration
J
Adjacent leads
K
Adjacent leads with stub ends glass coated
P
Opposite leads
Code
Material System Code
X
See table A or table B for code number
Code
Power
X
Zero-power resistance as 77F
(25C) (see note 2 for code number)
Code
Tolerance*
F
1
G
2
J
5
K
10
L
15
M
20
N
25
P
30
Q
40
R
50
S
Non-standard (consult factory)
B -
____ - ____ - ____ - ____
- ____ Typical model number
Special tolerances are available upon request. Consult factory for special resistance tolerances, non-
standard resistances and/or non-standard temperatures.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn