Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N400X Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 1N400X
Description  1.0A RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N400X Fiches technique(HTML) 2 Page - Vishay Siliconix

  1N400X Datasheet HTML 1Page - Vishay Siliconix 1N400X Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS28002 Rev. E-2
2 of 2
1N4001/L-1N4007/L
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1.0
10
100
1.0
10
100
T = 25ºC
j
f = 1MHz
1N4001 - 1N4004
1N4005 - 1N4007
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
40
30
20
0
10
50
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
10


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FR101 1.0A FAST RECOVERY RECTIFIER 1  2  3  Won-Top Electronics
US1A 1.0A SURFACE MOUNT ULTRA FAST RECTIFIER 1  2  3  Won-Top Electronics
B170 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1  2  Diodes Incorporated
PR1001G 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1  2  Diodes Incorporated
DFLU1400 1.0A SURFACE MOUNT SUPER-FAST RECTIFIER 1  2  3  Diodes Incorporated
FR1A 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 1  2  3  Won-Top Electronics
DBA10 1.0A Single-Phase Bridge Rectifier 1  2  Sanyo Semicon Device
BYT40Y 1.0A HIGH VOLTAGE GLASS BODY RECTIFIER 1  2  Diodes Incorporated
RS1A 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER 1  2  Diodes Incorporated
GS1A 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1  2  3  Won-Top Electronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn