Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25741A Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25741A
Description  USB Type-C and USB Power Delivery Host Port Controllers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25741A Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS25741A Datasheet HTML 6Page - Texas Instruments TPS25741A Datasheet HTML 7Page - Texas Instruments TPS25741A Datasheet HTML 8Page - Texas Instruments TPS25741A Datasheet HTML 9Page - Texas Instruments TPS25741A Datasheet HTML 10Page - Texas Instruments TPS25741A Datasheet HTML 11Page - Texas Instruments TPS25741A Datasheet HTML 12Page - Texas Instruments TPS25741A Datasheet HTML 13Page - Texas Instruments TPS25741A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
10
TPS25741, TPS25741A
SLVSDJ5B – AUGUST 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise stated in a specific test condition the following conditions apply: –40°C
≤ TJ ≤ 125°C; 3 ≤ VDD ≤ 5.5 V, 4.65
V
≤ VPWR ≤ 25 V; HIPWR = GND, PSEL = GND, GD = VAUX, PCTRL = VAUX, AGND = GND;EN9V = GND; EN12V =
GND; VAUX, VTX, bypassed with 0.1 µF, DVDD bypassed with 0.22 µF; all other pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(9)
Standard DFP mode is active after a USB Type-C sink, debug accessory, or audio accessory is attached until the first USB Power
Delivery message is transmitted (after GDNG has been enabled).
(10) 1.5 A DFP mode is active after a USB Power Delivery contract has been negotiated.
(11) 3 A DFP mode is active after GDNG has been enabled until a USB Power Delivery message is received.
(12) VCONN is always applied when a UFP is attached, regardless of whether Ra is detected.
(13) The VCONN pin has reverse blocking.
(14) Based on 120 mV drop at 250 mA (to deliver more than 1 W at VCONN = 4.75 V).
(15) There are requirements for the VCONN voltage supplied to CC1 or CC2 in [1]; customers need to take the RDSON into account when
designing to meet those requirements.
(16) While providing VCONN power, the CCx output is monitored for faults (overloads). Thermal shutdown is provided with thermal cycling
(auto-restart).
Amplitude of interference that can be
tolerated.
Interference is 600 kHz square wave,
rising 0 to 100 mV.
100
mV
Interference is 1 MHz sine wave
1
VPP
DFP Specifications (CC1, CC2)
VDSTD
Detach threshold when cable is detached
while in standard DFP mode.
In standard DFP mode(9), voltage rising
1.52
1.585
1.65
V
Hysteresis
0.02
V
VD1p5
Detach threshold when cable is detached.
In 1.5 A DFP mode(10), voltage rising
1.52
1.585
1.65
V
Hysteresis
0.02
V
VD3p0
Detach threshold when cable is detached
In 3 A DFP mode(11), voltage rising
2.50
2.625
2.75
V
Hysteresis
0.05
V
VOCN
Unloaded output voltage on CC pin, in
normal mode
normal mode
2.8
5.5
V
VOCDS
VPWR = 0 V (in UVLO) or in sleep mode
1.8
5.5
V
IRPSTD
Loaded output current while connected
through CCx
In standard DFP mode(9), CCy open,
0 V
≤ VCCx ≤ 1.5 V (vRd)
64
80
96
µA
IRP1.5
Loaded output current while connected
through CCx
In 1.5 A DFP mode(10), CCy open,
0 V
≤ VCCx ≤ 1.5 V (vRd)
166
180
194
µA
IRP3.0
Loaded output current while connected
through CCx
In 3 A DFP mode(11), CCy open,
0 V
≤ VCCx ≤ 1.5 V (vRd)
304
330
356
µA
VRDSTD
Ra, Rd detection threshold (falling)
In standard DFP mode(9),
0 V
≤ VCCx ≤ 1.5 V (vRd)
0.15
0.19
0.23
V
Hysteresis
0.02
V
VRD1.5
Ra, Rd detection threshold (falling)
In 1.5 A DFP mode(10), CCy open
0 V
≤ VCCx ≤ 1.5 V (vRd)
0.35
0.39
0.43
V
Hysteresis
0.02
V
VRD3.0
Ra, Rd detection threshold (falling)
In 3 A DFP mode(11), CCy open
0 V
≤ VCCx ≤ 1.5 V (vRd)
0.75
0.79
0.83
V
Hysteresis
0.02
V
VWAKE
Wake threshold (rising and falling), exit
from sleep mode
VPWR = 4.65 V , 0 V
≤ VDD ≤ 3 V
1.6
3.0
V
IDSDFP
Output current on CCx in sleep mode to
detect Ra removal.
CCx = 0V, CCy floating
40
73
105
µA
Connector Power Specifications (CC1, CC2, VCONN)(12)
UVLO for VCONN (13)
Turn-on, VCONN rising
2.2
2.4
2.6
V
Hysteresis
0.1
V
RDSON
Resistance from VCONN to CC1 or
CC2(14)(15)
4.75 V
≤ VCONN ≤ 5.5 V
(Fixed Supply mode),
ICCx = 250 mA
–40°C
≤ TJ ≤ 125°C
300
500
4.75 V
≤ VCONN ≤ 5.5 V
(Fixed Supply mode),
ICCx = 250 mA
TJ = 25°C
300
350
IOS
Current limit measured on CC1 or CC2(16)
4.75 V
≤ VCONN ≤ 5.5 V
(Fixed Supply mode)
415
490
562
mA


Numéro de pièce similaire - TPS25741A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741RSMR TI1-TPS25741RSMR Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TPS25741RSMT TI1-TPS25741RSMT Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
More results

Description similaire - TPS25741A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
[Old version datasheet]   USB Type-C and USB Power Delivery Host Port Controllers
TUSB422 TI1-TUSB422 Datasheet
2Mb / 71P
[Old version datasheet]   USB Type-C Port Control with Power Delivery
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
   USB Type-C Port Controller with Power Delivery
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A12MWV-EVK-001 ROHM-BM92A12MWV-EVK-001 Datasheet
10Mb / 9P
   ROHM USB Type-C Power Delivery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com