Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD-7100 Fiches technique(PDF) 3 Page - Gamewell-FCI by Honeywell

No de pièce LCD-7100
Description  Small Addressable Fire Alarm Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-7100 Fiches technique(HTML) 3 Page - Gamewell-FCI by Honeywell

  LCD-7100 Datasheet HTML 1Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 2Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 3Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9021-60730 Rev. G page 3 of 4
Figure 2 illustrates the SLP-BB Cabinet Enclosure.
Figure 2 SLP Enclosure
SLP-BB CABINET
OUTER DOOR
SLP-BB CABINET
BACKBOX
1
2
3
4
14
1/2
" W
20 1/8"H
4 1/2" D
Specifications
Device Loops
Up to two Class A or B, System Sensor
units, each loop supporting up to 318
device addresses.
Or-
Apollo units, each loop supporting up
to 126 device addresses per loop.
NAC circuits
4 Class B or 2 Class A
(2.0 A each circuit), 6.0 A total
NAC Operating Voltage
24 VDC
NAC Minimum Voltage
19.5 VDC @ 20.4 V battery voltage
SLC Loop Circuit
Operating Voltage
24 V peak-to-peak
Input Voltage
120 VAC, 60 Hz 240 VAC 50-60 Hz
Input Current
120 VAC, 2.75 amps max.
240 VAC, 1.4 amps max.
Aux Power (Resettable
) Two Auxiliary circuits, 24 VDC, 1.75 A
Supervised, Class 2 Power-Limited
(maximum current of 1.75 is shared
between two circuits).
Aux Power
(Non-Resettable)
Base Panel Current draw Standby: 0.111 amps
Alarm:
0.243 amps
Operating Temperature
32°-120° F (0°-49° C)
Relative Humidity
93% (non-condensing)
Battery Charger Voltage +24 VDC
Battery Charger
Capacity
55 A/H batteries (cabinet
accommodates 12 A/H batteries)
Alarm, Trouble & Supervisory
Relay Contacts
Form-C, 2 amps @ 24VDC (resistive)
Cabinet Dimensions:
SLP-BB Dimensions
14 1/2” W x 20 1/8” H x 4 1/2” D
(36.83 W x 51.18 H x 11.43 D cm)
S3BB-RB Dimensions
19 3/8” W x 19 3/8” H x 4.5” D
(49.22 W x 49.22 H x 11.43 D)
Figure 3 SLP Panel Configuration
Networkable up to 122
panels using twisted
pair wire or fiber optics.
FocalPoint
Workstation
LCD-E3
Remote Annunicator
LCD-SLP
Color Touchscreen
Annunicator
LCD-7100
emote Annunicator
ASM-16
LED Switch Control
ANU-48
LED Display Driver
Ethernet
S3 Series
Fire Alarm Control
Panel
MCS-COF
Fire/Carbon Monoxide
Detector
MS-7AF
Pull Station
AMM-2RIF
Dual Input/Output Module
Supports up to 636 Velociti devices
or 252 XP95 devices
DNR
Intelligent Duct
Detector
ASD-PL2F
Photo Detector
AOM-2RF
Relay Module
AMM-2IF
Mini Monitor Module
ASD-LS
Laser Detector
Local Energy
Trip
E3 Series
Panel
Laptop
Programming


Numéro de pièce similaire - LCD-7100

FabricantNo de pièceFiches techniqueDescription
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
More results

Description similaire - LCD-7100

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
logo
D+H Mechatronic AG
BAZ04 DH-BAZ04 Datasheet
363Kb / 2P
   Fire door control panel
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com