Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K100N50X4B Fiches technique(PDF) 2 Page - Anaren Microwave

No de pièce K100N50X4B
Description  100 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

K100N50X4B Fiches technique(HTML) 2 Page - Anaren Microwave

  K100N50X4B Datasheet HTML 1Page - Anaren Microwave K100N50X4B Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model K100N50X4B
Typical Performance:
0.00
1.00
2.00
3.00
4.00
Freq (GHz)
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
2.00
1.00
0.50
1.00
-1.00
0.50
-0.50
0.20
-0.20
0.00
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Smith Chart 1
Power De-rating:
Mounting Footprint and Procedure:
*Actual performance could be limited by the solder properties of the
application
2 of 2


Numéro de pièce similaire - K100N50X4B

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
K100N50X4 ANAREN-K100N50X4 Datasheet
89Kb / 2P
   Half Flange Termination 100 Watts, 50廓
More results

Description similaire - K100N50X4B

FabricantNo de pièceFiches techniqueDescription
logo
Astec America, Inc
AK45C-20 ASTEC-AK45C-20 Datasheet
91Kb / 2P
   100 Watts
logo
Anaren Microwave
100-50TW ANAREN-100-50TW Datasheet
308Kb / 2P
   100 Watts
logo
Astec America, Inc
AK60A-024L-022F20G ASTEC-AK60A-024L-022F20G Datasheet
930Kb / 2P
   100 Watts
logo
XP Power Limited
AEB XPPOWER-AEB Datasheet
497Kb / 4P
   36-100 Watts
logo
Anaren Microwave
RFP-100-100RW ANAREN-RFP-100-100RW Datasheet
513Kb / 2P
   Flanged Resistors 100 Watts, 100 ohm
logo
XP Power Limited
ECS65US12 XPPOWER-ECS65US12 Datasheet
673Kb / 5P
   65/100/130 Watts
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ_15 Datasheet
712Kb / 4P
   15 - 100 Watts POWER
logo
Vicor Corporation
VE-J0B-MY VICOR-VE-J0B-MY Datasheet
297Kb / 6P
   25 to 100 Watts
logo
List of Unclassifed Man...
LDR100SB ETC-LDR100SB Datasheet
185Kb / 3P
   100 WATTS 36 VOLTS
logo
Anaren Microwave
RFP-100NXXAF ANAREN-RFP-100NXXAF Datasheet
244Kb / 2P
   Flangeless Attenuators 100 Watts
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com