Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS87C51RD2 Fiches technique(PDF) 7 Page - ATMEL Corporation

No de pièce TS87C51RD2
Description  Qualification Package TS87C51RD2 / TS83C51RD2 CMOS 0.5Um
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51RD2 Fiches technique(HTML) 7 Page - ATMEL Corporation

Back Button TS87C51RD2 Datasheet HTML 3Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 4Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 5Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 6Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 7Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 8Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 9Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 10Page - ATMEL Corporation TS87C51RD2 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Qualpack TS87C51RD2/TS83C51RD2
June 2001
7
Atmel Wireless & Microcontrollers
4.2
Wafer Process Qualification
4.2.1 Process Module Reliability
This chapter contains all the information relative to the reliability of the SCMOS3 NV technology. Results presented
in the following sections concern the reliability of the basic process steps which build up the technology.
4.2.1.1 Hot carrier qualification
STATIC NMOS DEGRADATION
Channel length in µm
0.5
0.55
0.6
0.65
0.7
0.5
Process corner
Fast
Fast
Fast
Fast
Fast
Typical
Substrate current in µA/µm
VD=5.5V, VG=2.25V
17
15
13.4
12.1
11.1
14.7
Substrate current in µA/µm
VD=3.6V, VG=1.6V
0.35
0.3
0.25
0.22
0.2
0.3
Lifetime in seconds for 10% shift of
Gm at VD=5.5V
3.2e3
3.7e3
4.2e3
4.7e3
5.2e3
3.8e3
Lifetime in seconds for 10% shift of
Gm at VD=3.6V
8e7
10e7
12e7
14e7
16e7
10e7
STATIC PMOS DEGRADATION
Channel length in µm
0.5
0.55
0.6
0.65
0.7
0.5
Process corner
Fast
Fast
Fast
Fast
Fast
Typical
Substrate current in µA/µm
VD=5.5V, VG=2.25V
0.31
0.28
0.25
0.22
0.21
0.24
Substrate current in µA/µm
VD=3.6V VG=1.25V
2.3e-3
1.9e-3
1.6e-3
1.4e-3
1.1e-3
1.6e-3
Lifetime in seconds for 10% shift of
Gm at VD=5.5V
2.7e4
3.1e4
3.5e4
3.9e4
4.3e4
3.5e4
Lifetime in seconds for 10% shift of
Gm at VD=3.6V
2e7
2.5e7
3e7
3.8e7
4.6e7
3.2e7
EXPERIMENTAL RESULTS IN DYNAMIC MODE : hot carrier degradation effects on inverter propagation time
have been measured on oscillators running at 75 MHz at 7V and 6.5V. Accelerator factor in voltage is then carried
out and expected degradation laws at 5V and 3.3V derived. The following graphs show the frequency degradation
of oscillators running at 5V and 3.3V.


Numéro de pièce similaire - TS87C51RD2

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
International Rectifier
TS87C51RD2 IRF-TS87C51RD2 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
TS87C51RD2 ATMEL-TS87C51RD2 Datasheet
996Kb / 86P
   extra 8-bit I/O ports available on RD2 with high pin count packages
More results

Description similaire - TS87C51RD2

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
   Device Qualification
logo
STMicroelectronics
STEVAL-ISA160V1 STMICROELECTRONICS-STEVAL-ISA160V1 Datasheet
218Kb / 4P
   AECQ100 qualification
February 2016 Rev 1
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
Tyco Electronics
3-1461491-5 MACOM-3-1461491-5 Datasheet
369Kb / 40P
   Qualification Test Report
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
   Reliability Qualification Report
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
   Reliability Qualification Report
logo
ATMEL Corporation
AT25F512A ATMEL-AT25F512A Datasheet
47Kb / 4P
   SPI EEPROM Product Qualification
logo
Lumileds Lighting Compa...
RD12 LUMILEDS-RD12 Datasheet
399Kb / 2P
   SnapLED Qualification Reliability Testing
logo
California Eastern Labs
GET-30593 CEL-GET-30593 Datasheet
362Kb / 7P
   Qualification Test Report on NE681XX
logo
Intersil Corporation
ISL6367CRZ INTERSIL-ISL6367CRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com