Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SX48BD Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce SX48BD
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SX48BD Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SX48BD Datasheet HTML 10Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 11Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 12Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 13Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 14Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 15Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 16Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 17Page - List of Unclassifed Manufacturers SX48BD Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
© 2002 Ubicom, Inc. All rights reserved.
- 14 -
www.ubicom.com
SX48BD/SX52BD
4.0
SPECIAL-FUNCTION REGISTERS
The CPU uses a set of special-function registers to con-
trol operation of the device.
The CPU registers include an 8-bit working register (W),
which serves as a pseudo accumulator. It holds the sec-
ond operand of an instruction, receives the literal in
immediate type instructions, and also can be program-
selected as the destination register.
A set of 31 file registers serves as the primary accumula-
tor. One of these registers holds the first operand of an
instruction and another can be program-selected as the
destination register. The first 10 file registers include the
Real-Time Clock/Counter register (RTCC), the lower
eight bits of the 12-bit Program Counter (PC), the 8-bit
STATUS register, five port control registers for Ports A
through E, the 8-bit File Select Register (FSR), and INDF
(used for indirect addressing).
The five low-order bits of the FSR register select one of
the 31 file registers in the indirect addressing mode. Call-
ing for the file register located at address 00h (INDF) in
any of the file-oriented instructions selects indirect
addressing, which uses the FSR register. It should be
noted that the file register at address 00h is not a physi-
cally implemented register. The CPU also contains an 8-
level, 12-bit hardware push/pop stack for subroutine link-
age.
4.1
PC Register (02h)
The PC register holds the lower eight bits of the program
counter. It is accessible at run time to perform branch
operations. The upper three bits are located in the STA-
TUS register (PA2:0), bit 8 is not accessible.
4.2
STATUS Register (03h)
The STATUS register holds the arithmetic status of the
ALU, the page select bits, and the reset state. The STA-
TUS register is accessible during run time, except that
bits PD and TO are read-only. It is recommended that
only SETB and CLRB instructions be used on this regis-
ter. Care should be exercised when writing to the STA-
TUS register as the ALU status bits are updated upon
completion of the write operation, possibly leaving the
STATUS register with a result that is different than
intended.
Table 4-1. Special-Function Registers
Addr
Name
Function
00h
INDF
Used for indirect addressing
01h
RTCC
Real Time Clock/Counter
02h
PC
Program Counter (low byte)
03h
STATUS
Holds Status bits of ALU
04h
FSR
File Select Register
05h
RA
Port RA data register
06h
RB
Port RB data register
07h
RC
Port RC data register
08h
RD
Port RD data register
09h
RE
Port RE data register
PA2
PA1
PA0
TO
PD
Z
DC
C
Bit 7
Bit 0
Bit 7-5: Program memory page select bits PA2:PA0
000 = Page 0 (000h – 1FFh)
001 = Page 1 (200h – 3FFh)
...
111 = Page 7 (E00h – FFFh)
Bit 4:
Time Out bit, TO (Read Only)
1 = Set to 1 after power up and upon exe-
cution of CLRWDT or SLEEP instructions
0 = A watchdog time-out occurred
Bit 3:
Power Down bit, PD (Read Only)
1= Set to a 1 after power up and upon ex-
ecution of the CLR !WDT instruction
0 = Cleared to a ‘0’ upon execution of
SLEEP instruction
Bit 2:
Zero bit, Z (affected by most logical, arithmetic,
and data movement instructions
1 = Result of math operation is zero
0 = Result of math operation is non-zero
Bit 1:
Digit Carry bit, DC
After Addition:
1 = A carry from bit 3 occurred
0 = No carry from bit 3 occurred
After Subtraction:
1 = No borrow from bit 3 occurred
0 = A borrow from bit 3 occurred
Bit 0:
Carry bit, C
After Addition:
1 = A carry from bit 7 of the result occurred
0 = No carry from bit 7 of the result oc-
cured.
After Subtraction:
1 = No borrow from bit 7 of the result oc-
curred
0 = A borrow from bit 7 of the result oc-
curred
Rotate (RR or RL) Instructions:
The carry bit is loaded with the low or high
order bit, respectively
When CF bit of the FUSEX register is
cleared to 0, Carry bit works as input for
ADD and SUB instructions.


Numéro de pièce similaire - SX48BD

FabricantNo de pièceFiches techniqueDescription
logo
C&D Technologies
SX400 CANDD-SX400 Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
128Kb / 4P
   AC/DC POWER SUPPLY
SX400-U1A CANDD-SX400-U1A Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
SX400-U1B CANDD-SX400-U1B Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
SX400-U1C CANDD-SX400-U1C Datasheet
166Kb / 4P
   400 WATT AC/DC POWER SUPPLY
More results

Description similaire - SX48BD

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
Zilog, Inc.
Z8F083A0128ZCOG ZILOG-Z8F083A0128ZCOG Datasheet
227Kb / 14P
   Up to 8 KB Flash memory with in-circuit programming capability
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
   Programming and Debug Adapter
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
   In-Circuit Program Debug Emulation
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
   32-Kbyte On-chip Flash In-System Programming through USB or UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com