Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-1016 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce STQ-1016
Description  250 - 1000 MHz Direct Quadrature Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STQ-1016 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  STQ-1016 Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
2
EDS-102531 Rev A
STQ-1016 Direct Quadrature Modulator
Test Conditions
(for all product specification tables unless otherwise noted)
VCC (pins 2,10,15)
+5V
TA
+25ºC
Baseband Input
(Pins 1, 8, 9, 16)
1.9V DC bias, 200kHz fre-
quency, 300mVp-p per pin =
600mVp-p differential drive, I
and Q signals in quadrature
LO Input
(Pins 4, 5)
-5dBm @ 250 to 1000 MHz
Product Specifications – Miscellaneous: TA = 25ºC
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
Shut-Down Supply Current
Shut-down enabled
mA
45
60
Shut-Down Attenuation
dB
60
Shut-Down Pin Resistance
@ 1MHz
kohm
11.9
Shut-Down Pin Capacitance
@ 1MHz
pF
5.2
Shut-down Control
Voltage Thresholds
Shut-down disabled (normal operation)
V
3.75
Vcc
Shut-down enabled
V
0.0
1.5
Shut-Down Settling Time
ns
<450
Product Specifications - LO Input: TA = 25ºC
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
LO Frequency
MHz
250
1000
LO Drive Level
dBm
-8
-5
-2
LO Port Return Loss
matched to 50
Ω using schematic shown on page 5
dB
>10, 250 to 1000 MHz
>15, 275 to 500 MHz
Product Specifications - Baseband Modulation Input: TA = 25ºC
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
Baseband Frequency Input
-3dB bandwidth, baseband inputs terminated in 50 ohms
MHz
DC
500
Baseband Input Resistance
per pin
kohms
4.4
Baseband Input Capacitance
per pin
pF
0.5


Numéro de pièce similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
SIRENZA MICRODEVICES
STQ-1016Z SIRENZA-STQ-1016Z Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
More results

Description similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com