Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-1016 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce STQ-1016
Description  250 - 1000 MHz Direct Quadrature Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STQ-1016 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  STQ-1016 Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
5
EDS-102531 Rev A
STQ-1016 Direct Quadrature Modulator
250 – 1000 MHz Application Schematic
STQ-1016
H2
R8
R9
R10
P12
P13
BBIP
BBIN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BBQP
BBQN
R1
R7
P8
P9
VCC
VCC
C6
C9
C10
C1
6
C18
VCC
C17
C4
C5
VCC
1
3
5
4
T3
P10
LOin
P11
R Fout
T4
1
5
3
4
VCC
VCC
H1
C3
L1
1
2
RFP
RFN
LOP
LON
SD
U1
VEE
VEE
VCC
VCC
VEE
VEE
VCC
1
2
SH1
Connec t bac kside expos ed
paddle to RF/DC ground.
BBIP
BBIN
BBQP
BBQN
Shut-dow n
Bill of Materials (for 250 – 1000 MHz Evaluation Board P/N STQ1016EVB)
Component
Designator
Value
Qty
Vendor
Part Number
Description
U1
1
SMDI
STQ-1016
SiGe Direct Quadrature Modulator
P8, P9, P10,
P11, P12, P13
6
Johnson
Components 142-0701-851
SMA connector, end launch with tab, for .062” thick board
H1, H2
2
AMP
640453-2
2-pin header, right angle
T3, T4
1:1
2
M/A COM
ETC1-1-13
RF transformer, 4.5 - 3000MHz
L1
1uH
1
Panasonic
ELJ-FA1R0KF2
Inductor, 1210 footprint, ±10% tolerance
R1, R7, R9, R10
200 ohm
4
Venkel
CR1206-8W-2000T
Resistor, 1206 footprint, ±1% tolerance
R8
1 kohm
1
Venkel
CR0603-16W-1001FT
Resistor, 0603 footprint, ±1% tolerance
C6, C18
33pF
2
Venkel
C0603COG500-330JNE
Capacitor, 0603 footprint, COG dielectric, ±5% tolerance
C9, C17
1nF
2
Venkel
C0603COG500-102JNE
Capacitor, 0603 footprint, COG dielectric, ±5% tolerance
C3
2.2uF
1
Venkel
C1206Y5V160-225ZNE
Capacitor, 1206 footprint, Y5V dielectric, 16V rating
C4, C5, C10,
C16
22pF
4
Venkel
C0603COG500-220JNE
Capacitor, 0603 footprint, COG dielectric, ±5% tolerance
SH1
1
3M
929950-00
Shunt for 2-pin header


Numéro de pièce similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
SIRENZA MICRODEVICES
STQ-1016Z SIRENZA-STQ-1016Z Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
More results

Description similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com