Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-1016 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce STQ-1016
Description  250 - 1000 MHz Direct Quadrature Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STQ-1016 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  STQ-1016 Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
4
EDS-102531 Rev A
STQ-1016 Direct Quadrature Modulator
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
Min.
Max.
STQ-1016
7”
500
1000
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
NOTES:
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE ±.004" (0.1mm) UNLESS OTHERWISE
SPECIFIED.
3. COPLANARITY: .004" (0.1mm)
4. CONTROLLING DIMENSION IS MILLIMETER,
CONVERTED INCH DIMENSIONS ARE NOT
NECESSARILY EXACT.
5. FOLLOWED FROM JEDEC MO-153.
Lot #
STQ
2016
XZZZZ
Part #
Dimensions in inches (mm)
STQ
1016
LOT ID
Absolute Maximum Ratings
Parameters
Value
Unit
Supply Voltage (VCC)
6.0
VDC
LO, RF Input (LOP, LON, RFP, RFN)
+10
dBm
Baseband Min Input Voltage
(BBIP, BBIN, BBQP, BBQN)
0VDC
Baseband Max Input Voltage
(BBIP, BBIN, BBQP, BBQN)
3VDC
Operating Temperature
-40 to +85
ºC
Storage Temperature
-65 to +150
ºC
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation the
device voltage and current must not exceed the maximum oper-
ating values specified in the table on page one.
Pin Out Description
Pin #
Function
Description
Additional Comments
1
BBQP
Q-channel baseband input, positive terminal
Nominal DC bias voltage is 1.9V (biased internally)
2
VCC
Positive supply (+5V)
3
VEE
Ground
4
LOP
Local oscillator input, positive terminal
Nominal DC voltage is 2.0V. Input should be AC-coupled.
5
LON
Local oscillator input, negative terminal
Nominal DC voltage is 2.0V. Input should be AC-coupled.
6
VEE
Ground
7
SD
Shut-down control
Logic high = normal operation;
logic low = shut-down enabled.
8
BBIP
I-channel baseband input, positive terminal
Nominal DC bias voltage is 1.9V (biased internally)
9
BBIN
I-channel baseband input, negative terminal
Nominal DC bias voltage is 1.9V (biased internally)
10
VCC
Positive supply (+5V)
11
VEE
Ground
12
RFN
RF output, negative terminal
Nominal DC voltage is 2.4V. Output should be AC-coupled.
13
RFP
RF output, positive terminal
Nominal DC voltage is 2.4V. Output should be AC-coupled.
14
VEE
Ground
15
VCC
Positive supply (+5V)
16
BBQN
Q-channel baseband input, negative terminal
Nominal DC bias voltage is 1.9V (biased internally)
0.118
(3.0)
0.118
(3.0)
0.049
(1.25)
0.272 (6.9)
0.035
(0.9)
φ0.010 (0.25) via
- Indicates metalization
- vias connect pad to underlying ground plane
all units are in inches (mm)
0.012
(0.30)
0.014
(0.35)
0.024
(0.63)
0.028
(0.7)
Suggested PCB Pad Layout
Package Dimensions (“16” Package)
Moisture Sensitivity Level 1 - no special handling
required.


Numéro de pièce similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
SIRENZA MICRODEVICES
STQ-1016Z SIRENZA-STQ-1016Z Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
More results

Description similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com