Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-1016 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce STQ-1016
Description  250 - 1000 MHz Direct Quadrature Modulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STQ-1016 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  STQ-1016 Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-1016 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
3
EDS-102531 Rev A
STQ-1016 Direct Quadrature Modulator
250 - 1000 MHz Typical Device Performance
SSB Power vs. LO Frequency
-13
-12.5
-12
-11.5
-11
-10.5
-10
-9.5
-9
-8.5
-8
200
300
400
500
600
700
800
900
1000
LO Frequency [MHz]
-40C
25C
+85C
Output P1dB v s. LO Frequency
0
1
2
3
4
5
6
200
300
400
500
600
700
800
900
1000
LO Frequency [MHz ]
-40C
25C
+85C
Sideband Suppression vs. LO Frequency
30
32
34
36
38
40
42
44
46
48
50
200
300
400
500
600
700
800
900
1000
LO Frequency [MHz]
-40C
25C
+85C
RF & LO Port Match
(for schematic show n on page 5)
-30
-25
-20
-15
-10
-5
0
200
300
400
500
600
700
800
900
1000
Frequency [MHz]
RF Port
LO Port
Carrier Feedthrough vs. LO Frequency
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
200
300
400
500
600
700
800
900
1000
LO Frequency [MHz]
-40C
25C
+85C
Intermodulation Distortion vs.
BB Input Level @ 380MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
BB Input Level [dBVp-p diff.]
fundamental (each tone)
IM3 (each tone)


Numéro de pièce similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
logo
SIRENZA MICRODEVICES
STQ-1016Z SIRENZA-STQ-1016Z Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
More results

Description similaire - STQ-1016

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
STQ-1016 SIRENZA-STQ-1016 Datasheet
138Kb / 6P
   250 - 1000 MHz Direct Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com