Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-008 Datasheet(Fiches technique) 1 Page - API Technologies Corp

Numéro de pièce 54-367-008
Description  High temperature terminal construction
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-008 Datasheet(HTML) 1 Page - API Technologies Corp

  54-367-008 Datasheet HTML 1Page - API Technologies Corp 54-367-008 Datenblatt HTML 2Page - API Technologies Corp 54-367-008 Datenblatt HTML 3Page - API Technologies Corp 54-367-008 Datenblatt HTML 4Page - API Technologies Corp 54-367-008 Datenblatt HTML 5Page - API Technologies Corp 54-367-008 Datenblatt HTML 6Page - API Technologies Corp 54-367-008 Datenblatt HTML 7Page - API Technologies Corp 54-367-008 Datenblatt HTML 8Page - API Technologies Corp 54-367-008 Datenblatt HTML 9Page - API Technologies Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
This series of filters features hermetic glass seals and
high EMI filtering performance. They are excellent for
critical applications that demand high reliability in the
toughest environmental conditions and provide broad-
band high performance EMI filtering from 10 KHz to
over 10 GHz.
Features
s
MIL-F-15733 and MIL-F-28861, DSCC 84084
QPL filters available
s
Popular .375", .410" and .690" case diameters
s
Voltage ratings from 50 V to 400 VDC/240 AC, 400 Hz
s
Impervious to high moisture environments,
solvents and severe environmental conditions
s
High temperature terminal construction
s
D-slotted bushings
s
High reliability testing available
.160
(4.064)
Max.
A/B
L
ø .385 Max.
(9.78)
.050
(1.27) x .070 (1.78)
Slot, both ends
1/4–28 Unf–2A Thd.
.200
(5.08)
Figure 1
.160
(4.064)
Max.
ø .385 Max.
(9.78)
L
A/B
.050
(1.27) x .070 (1.78)
Slot, both ends
.176
(4.47)
.115 Ref.
(2.92)
#12–32 Unef–2A Thd.
Figure 2
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
Note: ø .410 Max. for M28861 parts
Dimensions in inches
(mm)
LP26


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn