Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BPDXV6 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BC847BPDXV6
Description  NPN/PNP Dual General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDXV6 Fiches technique(HTML) 2 Page - ON Semiconductor

  BC847BPDXV6 Datasheet HTML 1Page - ON Semiconductor BC847BPDXV6 Datasheet HTML 2Page - ON Semiconductor BC847BPDXV6 Datasheet HTML 3Page - ON Semiconductor BC847BPDXV6 Datasheet HTML 4Page - ON Semiconductor BC847BPDXV6 Datasheet HTML 5Page - ON Semiconductor BC847BPDXV6 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC847BPDXV6, SBC847BPDXV6
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (NPN) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mA)
V(BR)CEO
45
V
Collector−Emitter Breakdown Voltage
(IC = 10 μA, VEB = 0)
V(BR)CES
50
V
Collector−Base Breakdown Voltage
(IC = 10 mA)
V(BR)CBO
50
V
Emitter−Base Breakdown Voltage
(IE = 1.0 mA)
V(BR)EBO
6.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
μA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 μA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
hFE
200
150
290
475
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector−Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base −Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base −Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base −Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base −Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kΩ, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB


Numéro de pièce similaire - BC847BPDXV6

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC847BPDXV6T1 ONSEMI-BC847BPDXV6T1 Datasheet
95Kb / 8P
   Dual General Purpose Transistor
March, 2003 - Rev. 0
BC847BPDXV6T1 ONSEMI-BC847BPDXV6T1 Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T1D ONSEMI-BC847BPDXV6T1D Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T1G ONSEMI-BC847BPDXV6T1G Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T1 ONSEMI-BC847BPDXV6T1_05 Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
More results

Description similaire - BC847BPDXV6

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MBT3946DW WEITRON-MBT3946DW Datasheet
335Kb / 11P
   Dual General Purpose Transistor NPNPNP Silicon
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
NXP Semiconductors
BC817DPN PHILIPS-BC817DPN Datasheet
78Kb / 12P
   NPN/PNP general purpose transistor
2002 Nov 22
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BCV65 PHILIPS-BCV65_15 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BCV65 NXP-BCV65 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BC847BVN NXP-BC847BVN Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
logo
Nexperia B.V. All right...
BC817DPN NEXPERIA-BC817DPN Datasheet
222Kb / 9P
   NPN/PNP general purpose transistor
27 November 2019
logo
NXP Semiconductors
BC847BVN PHILIPS-BC847BVN Datasheet
63Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com