Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BPDXV6 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce BC847BPDXV6
Description  NPN/PNP Dual General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDXV6 Fiches technique(HTML) 6 Page - ON Semiconductor

  BC847BPDXV6_13 Datasheet HTML 1Page - ON Semiconductor BC847BPDXV6_13 Datasheet HTML 2Page - ON Semiconductor BC847BPDXV6_13 Datasheet HTML 3Page - ON Semiconductor BC847BPDXV6_13 Datasheet HTML 4Page - ON Semiconductor BC847BPDXV6_13 Datasheet HTML 5Page - ON Semiconductor BC847BPDXV6_13 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BC847BPDXV6, SBC847BPDXV6
http://onsemi.com
6
PACKAGE DIMENSIONS
SOT−563, 6 LEAD
CASE 463A
ISSUE F
HE
DIM MIN
NOM
MAX
MILLIMETERS
A
0.50
0.55
0.60
b
0.17
0.22
0.27
C
D
1.50
1.60
1.70
E
1.10
1.20
1.30
e
0.5 BSC
L
0.10
0.20
0.30
1.50
1.60
1.70
0.020 0.021 0.023
0.007 0.009 0.011
0.059 0.062 0.066
0.043 0.047 0.051
0.02 BSC
0.004 0.008 0.012
0.059 0.062 0.066
MIN
NOM
MAX
INCHES
e
M
0.08 (0.003)
X
b 65 PL
A
C
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE MATERIAL.
D
E
Y
12
3
4
5
L
6
HE
0.08
0.12
0.18 0.003 0.005 0.007
1.35
0.0531
0.5
0.0197
mm
inches
SCALE 20:1
0.5
0.0197
1.0
0.0394
0.45
0.0177
0.3
0.0118
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
BC847BPDXV6T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Numéro de pièce similaire - BC847BPDXV6_13

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC847BPDXV6T1 ONSEMI-BC847BPDXV6T1 Datasheet
95Kb / 8P
   Dual General Purpose Transistor
March, 2003 - Rev. 0
BC847BPDXV6T1 ONSEMI-BC847BPDXV6T1 Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T1D ONSEMI-BC847BPDXV6T1D Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T1G ONSEMI-BC847BPDXV6T1G Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T1 ONSEMI-BC847BPDXV6T1_05 Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
More results

Description similaire - BC847BPDXV6_13

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MBT3946DW WEITRON-MBT3946DW Datasheet
335Kb / 11P
   Dual General Purpose Transistor NPNPNP Silicon
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
NXP Semiconductors
BC817DPN PHILIPS-BC817DPN Datasheet
78Kb / 12P
   NPN/PNP general purpose transistor
2002 Nov 22
BC847BPN PHILIPS-BC847BPN Datasheet
47Kb / 8P
   NPN/PNP general purpose transistor
1999 Apr 26
BC847BVN-115 PHILIPS-BC847BVN-115 Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
BCV65 PHILIPS-BCV65_15 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BCV65 NXP-BCV65 Datasheet
276Kb / 11P
   NPN/PNP general-purpose transistor
Rev. 4-27 July 2010
BC847BVN NXP-BC847BVN Datasheet
143Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
logo
Nexperia B.V. All right...
BC817DPN NEXPERIA-BC817DPN Datasheet
222Kb / 9P
   NPN/PNP general purpose transistor
27 November 2019
logo
NXP Semiconductors
BC847BVN PHILIPS-BC847BVN Datasheet
63Kb / 8P
   NPN/PNP general purpose transistor
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com