Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC8100 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce HMC8100
Description  High linearity: supports modulations to 1024 QAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

HMC8100 Fiches technique(HTML) 24 Page - Analog Devices

Back Button HMC8100 Datasheet HTML 20Page - Analog Devices HMC8100 Datasheet HTML 21Page - Analog Devices HMC8100 Datasheet HTML 22Page - Analog Devices HMC8100 Datasheet HTML 23Page - Analog Devices HMC8100 Datasheet HTML 24Page - Analog Devices HMC8100 Datasheet HTML 25Page - Analog Devices HMC8100 Datasheet HTML 26Page - Analog Devices HMC8100 Datasheet HTML 27Page - Analog Devices HMC8100 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
HMC8100LP6JE
Rev. A | Page 23 of 27
AGC: Blocker Power Detector Bits
Table 12. AGC Register, (Address 0x12)
Bit No.
Bit Name
Description
Reset
Access
[15:8]
Reserved
Not used
0xF0
R/W
7
Reserved
Not used
0x0
R/W
6
AGC_BLOCKER_MODE_EN
AGC blocker mode enable
0x01
R/W
0 = off
1 = on
[5:3]
AGC_BLOCKER_PD2_REF
AGC blocker power detector reference level
0x3
R/W
000 = −4 dBm
001 = −2 dBm
010 = 0 dBm
011 = 2 dBm
100 = 4 dBm
101 = 6 dBm
110 = 8 dBm
111 = 10 dBm
[2:0]
AGC_BLOCKER_PD2_LOOP_BW
AGC blocker power detector loop bandwidth control
0x4
R/W
000 = 17 Hz
001 = 22 Hz
010 = 33 Hz
011 = 67 Hz
100 = 83 Hz
101 = 111 Hz
110 = 167 Hz
111 = 333 Hz
Phase I Bits
Table 13. Phase I Register, (Address 0x14)
Bit No.
Bit Name
Description
Reset
Access
[15:12]
Reserved
Not used
0xF
R/W
[11:9]
Reserved
Not used
0x0
R/W
[8:0]
I_PHASE_ADJ
I phase adjust
0x0
R/W
Phase Q Bits
Table 14. Phase Q Register, (Address 0x15)
Bit No.
Bit Name
Description
Reset
Access
[15:12]
Reserved
Not used
0xF
R/W
[11:9]
Reserved
Not used
0x0
R/W
[8:0]
Q_PHASE_ADJ
Q phase adjust
0x0
R/W


Numéro de pièce similaire - HMC8100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC8108 AD-HMC8108 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5 AD-HMC8108LC5 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5TR AD-HMC8108LC5TR Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5TR-R5 AD-HMC8108LC5TR-R5 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
More results

Description similaire - HMC8100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC8200 AD-HMC8200 Datasheet
725Kb / 26P
   High linearity: supports modulations to 1024 QAM
logo
Skyworks Solutions Inc.
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
   2.4 GHz, 1024 QAM WLAN Front-End Module
SKY77736 SKYWORKS-SKY77736 Datasheet
74Kb / 2P
   QPSK, 16QAM modulations
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
SKY77733 SKYWORKS-SKY77733 Datasheet
147Kb / 2P
   QPSK, 16QAM modulations
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
Hittite Microwave Corpo...
HMC6001LP711E HITTITE-HMC6001LP711E Datasheet
1Mb / 18P
   WiGig Single Carrier Modulations
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com