Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC8100 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce HMC8100
Description  High linearity: supports modulations to 1024 QAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

HMC8100 Fiches technique(HTML) 21 Page - Analog Devices

Back Button HMC8100 Datasheet HTML 17Page - Analog Devices HMC8100 Datasheet HTML 18Page - Analog Devices HMC8100 Datasheet HTML 19Page - Analog Devices HMC8100 Datasheet HTML 20Page - Analog Devices HMC8100 Datasheet HTML 21Page - Analog Devices HMC8100 Datasheet HTML 22Page - Analog Devices HMC8100 Datasheet HTML 23Page - Analog Devices HMC8100 Datasheet HTML 24Page - Analog Devices HMC8100 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
HMC8100LP6JE
Data Sheet
Rev. A | Page 20 of 27
REGISTER DESCRIPTIONS
REGISTER ARRAY ASSIGNMENTS
In the Access columns (Table 6 through Table 14), R means read, W means write, and R/W means read/write.
Enable Bits
Table 6. Enable Register, (Address 0x01)
Bit No.
Bit Name
Description
Reset
Access
15
PD2_EN
Power Detector 2 enable
0x1
R/W
0 = disable
1 = enable
14
Factory diagnostics
Logic 0 for normal operation
0x0
R/W
13
PD3_AMP1_EN
Auxiliary output (Pin 13) enable
0x1
R/W
0 = disable
1 = enable
12
Reserved
Logic 1 for normal operation
0x1
R/W
11
AMP1_EN
LNA enable
0x1
R/W
0 = disable
1 = enable
10
RF_VGA_EN
RF VGA enable
0x1
R/W
0 = disable
1 = enable
9
IRM_EN
Image reject mixer enable
0x1
R/W
0 = disable
1 = enable
8
FIL2_EN
Filter 2 enable
0x1
R/W
0 = disable
1 = enable
7
IF_VGA_EN
Filter 2 enable
0x1
R/W
0 = disable
1 = enable
6
Factory diagnostics
Logic 0 for normal operation
0x0
R/W
5
PD1_EN
Power Detector 1 enable
0x1
0 = disable
1 = enable
4
PD3_EN
Power Detector 3 enable
0x1
R/W
0 = disable
1 = enable
3
AGC_EN
Available gain control (AGC) enable
0x1
R/W
0 = enable
1 = disable
2
AMP3_PDWN
Amplifier 3 power-down
0x1
R/W
0 = enable
1 = disable
1
AMP2_PDWN
0x1
R/W
Amplifier 2 power-down
0 = enable
1 = disable
0
IQ_BUF_EN
IQ buffer enable
0x0
R/W
0 = disable
1 = enable


Numéro de pièce similaire - HMC8100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC8108 AD-HMC8108 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5 AD-HMC8108LC5 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5TR AD-HMC8108LC5TR Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
HMC8108LC5TR-R5 AD-HMC8108LC5TR-R5 Datasheet
430Kb / 18P
   9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
More results

Description similaire - HMC8100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC8200 AD-HMC8200 Datasheet
725Kb / 26P
   High linearity: supports modulations to 1024 QAM
logo
Skyworks Solutions Inc.
SKY85330-21 SKYWORKS-SKY85330-21 Datasheet
237Kb / 2P
   2.4 GHz, 1024 QAM WLAN Front-End Module
SKY77736 SKYWORKS-SKY77736 Datasheet
74Kb / 2P
   QPSK, 16QAM modulations
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
SKY77733 SKYWORKS-SKY77733 Datasheet
147Kb / 2P
   QPSK, 16QAM modulations
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
STMicroelectronics
STPTIC-39G2 STMICROELECTRONICS-STPTIC-39G2 Datasheet
481Kb / 11P
   High linearity
July 2015 Rev 1
logo
Hittite Microwave Corpo...
HMC6001LP711E HITTITE-HMC6001LP711E Datasheet
1Mb / 18P
   WiGig Single Carrier Modulations
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com