Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744750420047 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 744750420047
Description  WE-FAMI THT Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744750420047 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744750420047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744750420047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744750420047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744750420047 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744750420047 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.0
REV
2015-03-23
DATE
SSt
BY
MaKa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FAMI THT Power Inductor
Order.- No.
744750420047
SIZE
A4
Size: 1280
A Dimensions: [mm]
Reference on drawing
Marking
Description
4R7 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Test conditions
100 kHz/ 1 V
∆T = 40 K
|ΔL/L| < 30%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
Value
4.7
8.7
13.5
7.0
8.5
Unit
µH
A
A
Tol.
±20%
max.
typ.
typ.
max.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +60°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 744750420047

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744750420068 WURTH-744750420068 Datasheet
919Kb / 5P
   WE-FAMI THT Power Inductor
More results

Description similaire - 744750420047

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744750340047 WURTH-744750340047 Datasheet
921Kb / 5P
   WE-FAMI THT Power Inductor
744750560047 WURTH-744750560047 Datasheet
921Kb / 5P
   WE-FAMI THT Power Inductor
744750230047 WURTH-744750230047 Datasheet
931Kb / 5P
   WE-FAMI THT Power Inductor
744750340150 WURTH-744750340150 Datasheet
918Kb / 5P
   WE-FAMI THT Power Inductor
744750420220 WURTH-744750420220 Datasheet
913Kb / 5P
   WE-FAMI THT Power Inductor
744750420100 WURTH-744750420100 Datasheet
925Kb / 5P
   WE-FAMI THT Power Inductor
744750530100 WURTH-744750530100 Datasheet
915Kb / 5P
   WE-FAMI THT Power Inductor
744750460150 WURTH-744750460150 Datasheet
700Kb / 5P
   WE-FAMI THT Power Inductor
744750230030 WURTH-744750230030 Datasheet
904Kb / 5P
   WE-FAMI THT Power Inductor
744750230068 WURTH-744750230068 Datasheet
925Kb / 5P
   WE-FAMI THT Power Inductor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com