Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL354CEZ-RL Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADXL354CEZ-RL
Description  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL354CEZ-RL Fiches technique(HTML) 3 Page - Analog Devices

  ADXL354CEZ-RL Datasheet HTML 1Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 2Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 3Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 4Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 5Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 6Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 7Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 8Page - Analog Devices ADXL354CEZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 3 of 42
SPECIFICATIONS
ANALOG OUTPUT FOR THE ADXL354
TA = 25°C, VSUPPLY = 3.3 V, x-axis acceleration and y-axis acceleration = 0 g, and z-axis acceleration = 1 g, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Output Full-Scale Range (FSR)
ADXL354B, supports two ranges
±2/±4
g
ADXL354C, supports two ranges
±2/±8
g
Resonant Frequency1
2.4
kHz
Nonlinearity
±2 g
0.1
%
Cross Axis Sensitivity
1
%
SENSITIVITY
Ratiometric to V1P8ANA
Sensitivity at XOUT, YOUT, ZOUT
±2 g
368
400
432
mV/g
±4 g
184
200
216
mV/g
±8 g
92
100
108
mV/g
Sensitivity Change due to Temperature
−40°C to +125°C
±0.01
%/°C
0 g OFFSET
Each axis, ±2 g
0 g Output for XOUT, YOUT, ZOUT
Referred to V1P8ANA/2
−75
±25
+75
mg
0 g Offset vs. Temperature (X-Axis, Y-Axis, and Z-Axis)2
−40°C to +125°C
−0.15
±0.1
+0.15
mg/°C
Repeatability3
X-axis and y-axis
±3.5
mg
Z-axis
±9
mg
Vibration Rectification Error (VRE)4
±2 g range, in a 1 g orientation,
offset due to 2.5 g rms vibration
<0.4
g
NOISE DENSITY
±2 g
X-Axis, Y-Axis, and Z-Axis
20
µg/√Hz
Velocity Random Walk
X-axis and y-axis
9
µm/sec/√Hr
Z-axis
13
µm/sec/√Hr
BANDWIDTH
Internal Low-Pass Filter Frequency
Fixed frequency, 50% response
attenuation
1500
Hz
SELF TEST
Output Change
X-Axis
0.3
g
Y-Axis
0.3
g
Z-Axis
1.5
g
POWER SUPPLY
Voltage Range
VSUPPLY5
2.25
2.5
3.6
V
VDDIO
V1P8DIG
2.5
3.6
V
V1P8ANA, V1P8DIG with Internal Low Dropout
Regulator (LDO) Bypassed
VSUPPLY = 0 V
1.62
1.8
1.98
V
Current
Measurement Mode
VSUPPLY (LDO Enabled)
150
µA
V1P8ANA (LDO Disabled)
138
µA
V1P8DIG (LDO Disabled)
12
µA
Standby Mode
VSUPPLY (LDO Enabled)
21
µA
V1P8ANA (LDO Disabled)
7
µA
V1P8DIG (LDO Disabled)
10
µA
Turn On Time6
2 g range
<10
ms
Power-off to standby
<10
ms


Numéro de pièce similaire - ADXL354CEZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Description similaire - ADXL354CEZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com